Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 213 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 213 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 209Page - NXP Semiconductors MPC821 Datasheet HTML 210Page - NXP Semiconductors MPC821 Datasheet HTML 211Page - NXP Semiconductors MPC821 Datasheet HTML 212Page - NXP Semiconductors MPC821 Datasheet HTML 213Page - NXP Semiconductors MPC821 Datasheet HTML 214Page - NXP Semiconductors MPC821 Datasheet HTML 215Page - NXP Semiconductors MPC821 Datasheet HTML 216Page - NXP Semiconductors MPC821 Datasheet HTML 217Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 242 page
background image
Support Information
MOTOROLA
MPC860TFADS Daughter Board Design Specification—Rev 0.1
37
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
27
ETHTCK
O, X
Ethernet port Transmit Clock. When the ethernet port is disabled
via BCSR1 - tri-stated. Appears also at P8.
28
GND
29
ETHRCK
O, X
Ethernet port Receive Clock. When the ethernet port is disabled
via BCSR1 - tri-stated. Appears also at P8.
30
GND
31
32
FETHCFG0
O, X
Fast Ethernet CFG0 signal When the LXT970 is in auto
negotiation a low to high transition in this pin cause an auto
negotiate to re-start.
When auto negotiation is disabled this input selects operating
speed bit 0.13
When this pin is high the 100Mbps is selected 0.13 = 1.
When this pin is low the 10Mbps is selected 0.13 = 0.
33
PB31
I/O, X
MPC PI/O port B 31. Appears also at P8 but otherwise unused.
34
BINPAK~
I/O
PCMCIA port Input Port Acknowledge. In fact PC15/DREQ1~/
RTS1~/L1ST1. When the PCMCIA port is disabled via BCSR1,
may be used off-board for any alternate function.
35
PB30
I/O, X
MPC PI/O port B 30. Appears also at P8 but otherwise unused.
36
GND
37
PB29
I/O, X
MPC PI/O port B 29. Appears also at P8 but otherwise unused.
38
RSTXD1
I, X
RS232 Port 1 Transmit Data. When RS232 port 1 is disabled via
BCSR1, may be used for any alternate function. Appears also at
P8.
39
RSRXD1
O, X
RS232 Port 1 Receive Data. When RS232 port 1 is disabled via
BCSR1 - tri-stated and may be used for any alternate function.
Appears also at P8.
40
RSDTR1~
O, L
RS232 port 1 DTR~ signal. When RS232 port 1 is disabled via
BCSR1 - tri-stated and may be used for any alternate function.
Appears also at P8.
41
GND
42
RSTXD2
I, X
RS232 Port 2 Transmit Data. When RS232 port 2 is disabled via
BCSR1, may be used for any alternate function. Appears also at
P8.
43
RSRXD2
O, X
RS232 Port 2 Receive Data. When RS232 port 2 is disabled via
BCSR1 - tri-stated and may be used for any alternate function.
Appears also at P8.
44
RSDTR2~
O, L
RS232 port 2 DTR~ signal. When RS232 port 2 is disabled via
BCSR1 - tri-stated and may be used for any alternate function.
Appears also at P8.
45
PC14
I/O, X
MPC PI/O port C 14. Appears also at P8 but otherwise unused.
46
GND
TABLE 5-11. PM3 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com