Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 210 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 210 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 206Page - NXP Semiconductors MPC821 Datasheet HTML 207Page - NXP Semiconductors MPC821 Datasheet HTML 208Page - NXP Semiconductors MPC821 Datasheet HTML 209Page - NXP Semiconductors MPC821 Datasheet HTML 210Page - NXP Semiconductors MPC821 Datasheet HTML 211Page - NXP Semiconductors MPC821 Datasheet HTML 212Page - NXP Semiconductors MPC821 Datasheet HTML 213Page - NXP Semiconductors MPC821 Datasheet HTML 214Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 242 page
background image
Support Information
34
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
114
BBVD2
O, X
Buffered PCMCIA slot A Battery Voltage Detect 2. In fact IP_A5.
Used in conjunction with BBVD1 to determine the battery status
of a PC-Card. In case of MPC823 or MPC850 daughter boards,
connected to IP_B5 signal of the MPC.
115
GND
116
117
N.C.
118
DP0
I/O
DP0/IRQ3~. Data Parity line 0 or Interrupt Request 3. May
generate and receive parity data for D(0:7) bits connected to the
DRAM SIMM. May not be configured as IRQ3~.
119
V3.3
120
DP2
I/O
DP2/IRQ5~. Data Parity line 2 or Interrupt Request 5. May
generate and receive parity data for D(16:23) bits connected to
the DRAM SIMM. May not be configured as IRQ5~.
121
V3.3
122
DP1
I/O
DP1/IRQ4~. Data Parity line1 or Interrupt Request 4. May
generate and receive parity data for D(8:15) bits connected to the
DRAM SIMM. May not be configured as IRQ4~.
123
V3.3
124
N.C.
125
V3.3
126
IRQ1~
I/O, L
Interrupt Request 1.Pulled-up but otherwise not used on the
FADS.
127
V3.3
128
SPARE3
I/O, X
MPC’s spare line 3. Pulled - up but otherwise unused on the
FADS.
129
V3.3
130
IRQ7~
I/O, L
Interrupt Request 7. The lowest priority interrupt request line.
Pulled - up but otherwise not used on the FADS.
131
V3.3
132
N.C.
133
V3.3
134
NMI~
I/O, L
Non-Makable Interrupt. In fact IRQ0~ of the MPC. Driven by on-
board logic by O.D. gate. Pulled - up. May be driven off-board by
O.D. gate only.
135
V3.3
136
N.C.
137
V3.3
TABLE 5-10. PM2 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com