Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 208 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 208 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 204Page - NXP Semiconductors MPC821 Datasheet HTML 205Page - NXP Semiconductors MPC821 Datasheet HTML 206Page - NXP Semiconductors MPC821 Datasheet HTML 207Page - NXP Semiconductors MPC821 Datasheet HTML 208Page - NXP Semiconductors MPC821 Datasheet HTML 209Page - NXP Semiconductors MPC821 Datasheet HTML 210Page - NXP Semiconductors MPC821 Datasheet HTML 211Page - NXP Semiconductors MPC821 Datasheet HTML 212Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 242 page
background image
Support Information
32
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
72
MODCK2
I/O
OP3/MODCK2/DSDO. PCMCIA Output Port 3 or Mode Clock 2
input or Special Transfer Start output. Used at Power-On reset as
MODCK2 and configured afterwards as a OP3. May be used
with alternate function.
73
GND
74
75
76
N.C.
77
GND
78
79
80
SRESET~
I/O, L,
O.D.
MPC Soft Reset. Driven by on-board logic and may be driven by
off-board logic with Open-Drain gate only.
81
GND
82
PORST~
X, L
Power On reset for the MPC. Not used on the FADS, generated
on the daughter boards
83
GND
84
HRESET~
I/O, L,
O.D.
MPC Hard Reset. Driven by on-board logic and may be driven by
off-board logic with Open-Drain gate only.
85
GND
86
RSTCNF~
O, L
Hard Reset Configuration output. Driven during Hard Reset to the
daughter board to signal the MPC that it should sample Hard
Reset configuration from the data bus.
87
GND
88
R_PORI~
O, L
Main battery power-on reset. Generated as a result of main 3.3V
bus going through power up or power-down. Drives on-board
logic as well either HARD-RESET or Power-On reset to the MPC.
89
GND
90
91
92
BWAITA~
O, L
Buffered PCMCIA slot A WAIT signal. Used to prolong cycles to
slow PC-Cards. In case of MPC823 or MPC850 daughter boards,
connected to WAIT_B~ signal of the MPC.
93
GND
94
BWP
O, H
Buffered PCMCIA slot A Write Protect. In fact IP_A2/IOIS16A~.
Used as PC-card write protect indication or as 16 bit I/O capability
indication for PCMCIA slot A. In case of MPC823 or MPC850
daughter boards, connected to IP_B2 signal of the MPC.
TABLE 5-10. PM2 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com