Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 204 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 204 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 200Page - NXP Semiconductors MPC821 Datasheet HTML 201Page - NXP Semiconductors MPC821 Datasheet HTML 202Page - NXP Semiconductors MPC821 Datasheet HTML 203Page - NXP Semiconductors MPC821 Datasheet HTML 204Page - NXP Semiconductors MPC821 Datasheet HTML 205Page - NXP Semiconductors MPC821 Datasheet HTML 206Page - NXP Semiconductors MPC821 Datasheet HTML 207Page - NXP Semiconductors MPC821 Datasheet HTML 208Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 242 page
background image
Support Information
28
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
138
GND
139
A0
I, T.S.
MPC’s Address line 0. Not used on the FADS.
140
GND
TABLE 5-10. PM2 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
1
V12
O
10V output from voltage doubler. Used to switch TMOS gates on
both mother and daughter boards. Should not be used for any
other purpose.
2
3
4
5
N.C.
6
7
DSDI
I/O
DSDI/TDI. Debug Port Serial Data Input or JTAG port serial
Data Input. Used on the FADS as debug port serial data, driven
by the debug-port controller. If the ADI bundle is not connected to
the FADS, may be driven by external debug / JTAGa port
controller.
8
GND
9
10
DSCK
I/O
DSCK/TCK. Debug Port Serial Clock input or JTAG port serial
clock input. Used on the FADS as debug port serial clock, driven
by the debug-port controller. If the ADI bundle is not connected to
the FADS, may be driven by an external debug / JTAGa port
controller.
11
DSDO
I
DSDO/TDO. Debug Port Serial Data Output or JTAG port Data
Output. Used on the FADS as debug port serial data. If the ADI
bundle is not connected to the FADS, may be used by an external
debug / JTAGa port controllers.
12
GND
13
14
AT2
I/O
IP_B2/IOIS16~/AT2. PCMCIA slot B Input Port 2 or PCMCIA 16
bit I/O capability indication or Address Type 2. For MPC823 or
MPC850 daughter boards - configured as IP_B2/IOIS16~. For all
other daughter boards, configured as AT2, but may be configured
to alternate function as no use is done with AT2 on the FADS.
15
GND
TABLE 5-9. PM1 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com