Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 200 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 200 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 196Page - NXP Semiconductors MPC821 Datasheet HTML 197Page - NXP Semiconductors MPC821 Datasheet HTML 198Page - NXP Semiconductors MPC821 Datasheet HTML 199Page - NXP Semiconductors MPC821 Datasheet HTML 200Page - NXP Semiconductors MPC821 Datasheet HTML 201Page - NXP Semiconductors MPC821 Datasheet HTML 202Page - NXP Semiconductors MPC821 Datasheet HTML 203Page - NXP Semiconductors MPC821 Datasheet HTML 204Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 242 page
background image
Support Information
24
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
27
GPL5A~
X,L
UPMA general purpose line 5. Not used on the FADS.
28
VCC
O
5V Bus.
29
BI~
I/O,L
MPC’s Burst Inhibit input. Pulled - up, but otherwise unused on
the FADS.
30
N.C.
-
Not Connected. Reserved.
31
CS7~
32
GND
-
FADS Ground plane.
33
CS5~
-
MPC’s Chip Select line 5. Unused on the FADS.
34
GND
35
CE1A~
I, L
PC-Card Enable 1 for PCMCIA slot A. Enables the EVEN address
bytes. Used by on-board PCMCIA port.
36
GND
37
F_CS~
I/O, L
In fact MPC’s chip-select line 0. Used as chip-select for the Flash
Simm. Pulled - up. When the Flash is disabled via BCSR, may be
used off-board via the daughter-board’s expansion connectors.
38
GND
39
CS6~
-
MPC’s Chip Select line 6. Unused on the FADS.
40
GND
41
CE2A~
I, L
PC-Card Enable 2 for PCMCIA slot A. Enables the ODD address
bytes. Used by on-board PCMCIA port.
42
GND
43
DRMCS2~
I/O, L
In fact MPC’s chip-select line 3. Used as chip-select line for the
2’nd bank of the Dram Simm. Pulled - up. When the Dram is
disabled via BCSR or when a single-bank Dram Simm is being
used - may be used off-board via the daughter board’s expansion
connectors.
44
GND
45
DRMCS1~
I/O, L
In fact MPC’s chip-select line 2. Used as chip-select line for the
1’st bank of the Dram Simm. Pulled - up. When the Dram is
disabled via BCSR - may be used off-board via the daughter
board’s expansion connectors.
46
GND
47
SDRMCS~
I/O, L
In fact MPC’s chip-select line 4. Used as chip-select for the
Synchronous Dram. Pulled - up. When the SDRAM is disabled via
BCSR, may be used off-board via the daughter board
48
GND
49
GPL3~
I/O, L
UPMA or UPMB general purpose line 3. Used as WR~ signal for
the SDRAM.
50
GND
TABLE 5-9. PM1 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com