Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 197 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 197 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 193Page - NXP Semiconductors MPC821 Datasheet HTML 194Page - NXP Semiconductors MPC821 Datasheet HTML 195Page - NXP Semiconductors MPC821 Datasheet HTML 196Page - NXP Semiconductors MPC821 Datasheet HTML 197Page - NXP Semiconductors MPC821 Datasheet HTML 198Page - NXP Semiconductors MPC821 Datasheet HTML 199Page - NXP Semiconductors MPC821 Datasheet HTML 200Page - NXP Semiconductors MPC821 Datasheet HTML 201Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 242 page
background image
Support Information
MOTOROLA
MPC860TFADS Daughter Board Design Specification—Rev 0.1
21
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
5•1•4
PM1 - PM4, Mother Board Connectors
These connectors which connect to their mates on the motherboard (hence their name) are 140 pin
inter-board, mail connectors made by Molex. These connectors are arranged in a quadratic shape,
this to provide the shortest PCB routes as possible. As can be seen from their mechanical assembly
shown in FIGURE 5-1 "Motherboard Connectors Mechanical Assembly" below - the connectors are
not set in a perfect symmetric shape, this, to prevent the possibility of daughter-board’s miss-inser-
tion.
23
LD5
I/O
LCD Data Line 5.
24
GND
-
25
LD6
I/O
LCD Data Line 6.
26
GND
-
27
LD7
I/O
LCD Data Line 7.
28
GND
-
29
LD8
I/O
LCD Data Line 8.
30
GND
-
31
N.C.
-
Pin is cut to allow 30 pin connector insertion.
32
33
34
35
N.C.
I/O
Mux’ed on PB31. The MSB for the LCD data word.
36
VCC
O
5V supply.
37
N.C.
I/O
Mux’ed on PB19. The middle of the additional 3 LCD data bits.
38
VCC
O
5V supply.
39
N.C.
I/O
Mux’ed on PB17. The LSB of the additional 3 LCD data bits.
40
VCC
O
5V supply.
TABLE 5-8. P7 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com