Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 199 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 199 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 195Page - NXP Semiconductors MPC821 Datasheet HTML 196Page - NXP Semiconductors MPC821 Datasheet HTML 197Page - NXP Semiconductors MPC821 Datasheet HTML 198Page - NXP Semiconductors MPC821 Datasheet HTML 199Page - NXP Semiconductors MPC821 Datasheet HTML 200Page - NXP Semiconductors MPC821 Datasheet HTML 201Page - NXP Semiconductors MPC821 Datasheet HTML 202Page - NXP Semiconductors MPC821 Datasheet HTML 203Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 242 page
background image
Support Information
MOTOROLA
MPC860TFADS Daughter Board Design Specification—Rev 0.1
23
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
PM1 Interconnect Signals’ Differences" on page 49
TABLE 5-9. PM1 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
1
BB~
I/O, L
MPC’s Bus Busy signal. Pulled - up on the FADS.
2
VCC
-
3
DRM_W~
I,L
MPC’s GPL0~ lines used as R/W~ signal for the DRAM simm or
as A10 line for the SDRAM.
4
VCC
-
5V Bus.
5
TEA~
I/O, L,
O.D.
Transfer Error Acknowledge. Pulled-up, not driven on board.
6
VCC
7
BR~
I/O,L
MPC’s Bus Request signal. Pulled - up on the FADS, but
otherwise unused.
8
VCC
9
BURST~
I/O, L
MPC’s Burst indication. Pulled - up on the FADS, but otherwise
unused.
10
VCC
11
GPL4A~
X,L
UPMA general purpose line 4. Not used on the FADS.
12
VCC
13
TA~
I/O, L
MPC’s transfer Acknowledge signal. Indicates end of bus cycle,
used with FADS logic.
14
VCC
15
TS~
I/O, L
MPC’s Transfer Start indication. Pulled - up, but otherwise
unused on the FADS.
16
VCC
17
GPL5B~
O, L
General Purpose Line 5 of UPMB. Not used on the FADS.
18
VCC
19
BG~
I/O, L
MPC’s Bus grant signal. Pulled - up on the FADS, but otherwise
unused.
20
VCC
21
GPL4B~
O, L
General Purpose Line 4 of UPMB. Not used on the FADS.
22
VCC
23
R_W~
I/O, L
MPC’s Read/Write~ indication. Pulled - up on the FADS and used
by FADS logic.
24
VCC
25
BCSRCS~
I/O, L
In fact CS1~ of the MPC. Used as chip-select for the BCSRs.
Pulled - up. When BCSR is removed from the local map, may be
used off-board via the daughter-board’s expansion connectors.
26
VCC
O
5V Bus.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com