Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 196 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 196 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 192Page - NXP Semiconductors MPC821 Datasheet HTML 193Page - NXP Semiconductors MPC821 Datasheet HTML 194Page - NXP Semiconductors MPC821 Datasheet HTML 195Page - NXP Semiconductors MPC821 Datasheet HTML 196Page - NXP Semiconductors MPC821 Datasheet HTML 197Page - NXP Semiconductors MPC821 Datasheet HTML 198Page - NXP Semiconductors MPC821 Datasheet HTML 199Page - NXP Semiconductors MPC821 Datasheet HTML 200Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 242 page
background image
Support Information
20
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
5•1•3
P7 - LCD Panel Connector Interconnect Signals
The LCD Panel connector is a 40 pin (2 X 20) header connector, which is compatible with the LCD
panel connector, existed on the MPC821ADS To allow convenient migration for MPC821 users, the
signal are assigned in a way that allows for panels that were connected to the MPC821ADS, to be
connected directly. The signals of P7 are described in TABLE 5-8. "P7 Interconnect Signals" below:
7
COMMON_I
8
COMMON_I
TABLE 5-8. P7 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
1
SHIFT_C
I/O
LCD Shift Clock.
2
GND
-
3
4
5
LOE
I/O
Output Enable for TFT displays or Passive panels LCD_AC~
signal.
6
GND
-
7
HSYNC
I/O
Display Line beginning mark.
8
GND
-
.
9
VSYNC
I/O
New Frame beginning mark.
10
GND
-
11
12
13
LD0
I/O
LCD Data Line 0.
14
GND
-
15
LD1
I/O
LCD Data Line 1.
16
GND
-
17
LD2
I/O
LCD Data Line 2.
18
GND
-
19
LD3
I/O
LCD Data Line 3.
20
GND
-
21
LD4
I/O
LCD Data Line 4.
22
GND
-
TABLE 5-7. P9 Interconnect Signal
Pin No.
Signal Name
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com