Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 202 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 202 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 198Page - NXP Semiconductors MPC821 Datasheet HTML 199Page - NXP Semiconductors MPC821 Datasheet HTML 200Page - NXP Semiconductors MPC821 Datasheet HTML 201Page - NXP Semiconductors MPC821 Datasheet HTML 202Page - NXP Semiconductors MPC821 Datasheet HTML 203Page - NXP Semiconductors MPC821 Datasheet HTML 204Page - NXP Semiconductors MPC821 Datasheet HTML 205Page - NXP Semiconductors MPC821 Datasheet HTML 206Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 242 page
background image
Support Information
26
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
75
TSIZ1
x, T.S.
Transfer Size 1. Used in conjunction with TSIZ0 to indicate the
number of bytes remaining in an operand transfer. Not used on
the FADS.
76
GND
77
REG_A~
I, T.S., L
In fact TSIZ0/REG~. Transfer Size 0 or PCMCIA slot A REG~.
Used with the PCMCIA port as Attribute memory select or I/O
space select.
78
GND
79
A30
I, T.S.
MPC’s Address line 30.
80
GND
81
A21
I, T.S.
MPC’s Address line 21.
82
GND
83
A20
I, T.S.
MPC’s Address line 20.
84
GND
85
A7
I, T.S.
MPC’s Address line 7.
86
GND
87
A15
I, T.S.
MPC’s Address line 15.
88
GND
89
A14
I, T.S.
MPC’s Address line 14.
90
GND
91
A13
I, T.S.
MPC’s Address line 13.
92
GND
93
A6
I, T.S.
MPC’s Address line 6.
94
GND
95
A12
I, T.S.
MPC’s Address line 12.
96
GND
97
A11
I, T.S.
MPC’s Address line 11.
98
GND
99
A19
I, T.S.
MPC’s Address line 19.
100
GND
101
A9
I, T.S.
MPC’s Address line 9.
102
GND
103
A18
I, T.S.
MPC’s Address line 18.
104
GND
TABLE 5-9. PM1 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com