Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 205 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 205 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 201Page - NXP Semiconductors MPC821 Datasheet HTML 202Page - NXP Semiconductors MPC821 Datasheet HTML 203Page - NXP Semiconductors MPC821 Datasheet HTML 204Page - NXP Semiconductors MPC821 Datasheet HTML 205Page - NXP Semiconductors MPC821 Datasheet HTML 206Page - NXP Semiconductors MPC821 Datasheet HTML 207Page - NXP Semiconductors MPC821 Datasheet HTML 208Page - NXP Semiconductors MPC821 Datasheet HTML 209Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 242 page
background image
Support Information
MOTOROLA
MPC860TFADS Daughter Board Design Specification—Rev 0.1
29
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
16
VF2
I/O
IP_B3/IWP2/VF2. PCMCIA slot B Input Port 3 or Instruction
Watch-Point 2 or Visible Instruction Queue Flushes Status 2. For
MPC823 or MPC850 daughter boards - configured as IP_B3. For
all other daughter boards, configured as VF2, but may be
configured to alternate function as no use is done with VF2 on the
FADS.
17
GND
18
VF0
I/O
IP_B4/LWP0/VF0. PCMCIA slot B Input Port 4 or Data Watch-
Point 0 or Visible Instruction Queue Flushes Status 0. For
MPC823 or MPC850 daughter boards - configured as IP_B4. For
all other daughter boards, configured as VF0, but may be
configured to alternate function as no use is done with VF0 on the
FADS.
19
GND
20
21
22
IRQ3~
I/O, L
IRQ3~/CR~. MPC’s interrupt request 3 or Cancel Reservation.
Pulled - up but otherwise not used on the FADS.
23
GND
24
FRZ
I, X
Freeze / IRQ6~. MPC debug state indication or Interrupt request
line 6. Used by the debug port controller as debug state
indication. May be configured to alternate function provided that
VFLS(0:1) function as VFLS and J1 is moved to position 1-2.
25
GND
26
IRQ2~
I/O, L
RSV~/IRQ2~. Reservation or Interrupt Request 2. Pulled - up but
otherwise unused on the FADS.
27
GND
28
29
30
AT3
I/O
IP_B7/PTR/AT3. PCMCIA slot B Input Port 7 or Program Trace
(instruction fetch indication or Address Type 3. For MPC823 or
MPC850 daughter boards - configured as IP_B7. For all other
daughter boards, configured as AT3, but may be configured to
alternate function as no use is done with AT3 on the FADS.
31
GND
32
SPARE4
I/O
MPC’s spare line 4. Pulled - up but otherwise unused on the
FADS.
33
GND
TABLE 5-10. PM2 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com