Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 221 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 221 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 217Page - NXP Semiconductors MPC821 Datasheet HTML 218Page - NXP Semiconductors MPC821 Datasheet HTML 219Page - NXP Semiconductors MPC821 Datasheet HTML 220Page - NXP Semiconductors MPC821 Datasheet HTML 221Page - NXP Semiconductors MPC821 Datasheet HTML 222Page - NXP Semiconductors MPC821 Datasheet HTML 223Page - NXP Semiconductors MPC821 Datasheet HTML 224Page - NXP Semiconductors MPC821 Datasheet HTML 225Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 242 page
background image
Support Information
MOTOROLA
MPC860TFADS Daughter Board Design Specification—Rev 0.1
45
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
65
GND
66
D5
I/O, X
MPC’s Data line 5.
67
GND
68
D4
I/O, X
MPC’s Data line 4.
69
GND
70
71
72
D3
I/O, X
MPC’s Data line 3.
73
GND
74
D2
I/O, X
MPC’s Data line 2.
75
GND
76
D1
I/O, X
MPC’s Data line 1.
77
GND
78
D0
I/O, X
MPC’s Data line 0.
79
GND
80
81
DRMH_W~
O, L
Dram Half Word. Sets the Dram to 16 bit data bus width. See
TABLE 4-10. “BCSR1 Description” on page 49. In the
motherboard documentations.
82
DRAMEN~
O, L
Dram Enable. Enables Dram to the FADS memory map. See
TABLE 4-10. “BCSR1 Description” on page 49. In the
motherboard documentations.
83
FCFGEN~
O, L
Flash Configuration Enable. Allows for Hard Reset Configuration
to be obtained from the Flash memory provided that this option is
supported
by
the
MPC.
See
TABLE
4-10.
“BCSR1
Description” on page 49. In the motherboard documentations.
84
F_EN~
O, L
Flash Enable. Enables the Flash memory to the FADS memory
map. See
TABLE 4-10. "BCSR1 Description" on page 49 In
the motherboard documentations.
85
SDRAMEN
O, H
Sdram Enable. Enables the Synchronous Dram to the FADS
memory map. See
TABLE 4-10. “BCSR1 Description” on
page 49. In the motherboard documentations.
86
BCSREN~
O, L
BCSR Enable. Enables the BCSR to the FADS memory map. See
TABLE 4-10. “BCSR1 Description” on page 49. In the
motherboard documentations.
TABLE 5-12. PM4 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com