Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 222 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 222 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 218Page - NXP Semiconductors MPC821 Datasheet HTML 219Page - NXP Semiconductors MPC821 Datasheet HTML 220Page - NXP Semiconductors MPC821 Datasheet HTML 221Page - NXP Semiconductors MPC821 Datasheet HTML 222Page - NXP Semiconductors MPC821 Datasheet HTML 223Page - NXP Semiconductors MPC821 Datasheet HTML 224Page - NXP Semiconductors MPC821 Datasheet HTML 225Page - NXP Semiconductors MPC821 Datasheet HTML 226Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 242 page
background image
Support Information
46
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
87
FETHFDE
O, X
Full Duplex Enable when auto negotiation is enable the FDE pin
of the LXT970 determine full duplex advertisement capability in
combination
with
MF4
and
CFG1.
See
than
LXT970
documentation.
When auto negotiation is disable the FDE pin of the LXT970
effects full duplex and determines the value of bit 0.8 Duplex
Mode.
When this pin is high Full Duplex in Enable. 0.8 = 1.
When this pin is low Full Duplex is Disable 0.8 = 0.
88
PCCEN~
O, L
PC- Card Enable. Enables the PC-Card to be accessed by the
FADS.
89
EXTOLI0
I/O, X
External Tool Identification 0. Connected to BCSR2. See
4•11•4
“BCSR2 - Board Control / Status Register - 2" on page
51.In the motherboard documentations.
90
SGLAMP~
O, L
Signaling Lamp. Used for misc. s/w signaling purpose. See
TABLE 4-23. “BCSR4 Description” on page 57. In the
motherboard documentations.
91
EXTOLI2
I/O, X
External Tool Identification 2. Connected to BCSR2. See
4•11•4
“BCSR2 - Board Control / Status Register - 2" on page
51.In the motherboard documentations.
92
USBVCC1
O, X
Applies only for MPC823DB. Reserved Signal for USB Power.
See
TABLE 4-23. “BCSR4 Description” on page 57. In the
motherboard documentations.
93
DBREV0
I, X
Daughter Board Revision Code Signal 0. The MSB of the D/B
revision Code. See
TABLE 4-13. “BCSR2 Description” on
page 52. In the motherboard documentations.
94
EXTOLI1
I/O, X
External Tool Identification 1. Connected to BCSR2. See
4•11•4
“BCSR2 - Board Control / Status Register - 2" on page 51.
In the motherboard documentations.
95
DBREV2
I, X
Daughter Board Revision Code Signal 2. The LMSB of the D/B
revision Code. See
TABLE 4-13. “BCSR2 Description” on
page 52. In the motherboard documentations.
96
EXTOLI3
I/O, X
External Tool Identification 3. Connected to BCSR2. See
4•11•4
“BCSR2 - Board Control / Status Register - 2" on page 51.
In the motherboard documentations.
97
BCSR3R1
I/O, X
Reserved signal 1 in BCSR3. See
TABLE 4-19. “BCSR3
Description” on page 55. In the motherboard documentations.
98
DBREV1
I/O, X
Daughter Board Revision Code Signal 1. See
TABLE 4-13.
“BCSR2 Description” on page 52. In the motherboard
documentations.
99
DBID1
I/O, X
Daughter Board ID Code 1. Part of the field which designates the
type of daughter board connected. See
TABLE 4-19. “BCSR3
Description” on page 55 In the motherboard documentations.
100
BCSR3R0
I/O, X
Reserved signal 0 in BCSR3. See
TABLE 4-19. “BCSR3
Description” on page 55 In the motherboard documentations.
TABLE 5-12. PM4 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com