Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 225 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 225 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 221Page - NXP Semiconductors MPC821 Datasheet HTML 222Page - NXP Semiconductors MPC821 Datasheet HTML 223Page - NXP Semiconductors MPC821 Datasheet HTML 224Page - NXP Semiconductors MPC821 Datasheet HTML 225Page - NXP Semiconductors MPC821 Datasheet HTML 226Page - NXP Semiconductors MPC821 Datasheet HTML 227Page - NXP Semiconductors MPC821 Datasheet HTML 228Page - NXP Semiconductors MPC821 Datasheet HTML 229Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 242 page
background image
Support Information
MOTOROLA
MPC860TFADS Daughter Board Design Specification—Rev 0.1
49
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 5-2 Expansion Connectors Mechanical Assembly
In principle, the expansion connectors are identical in signals assignment to the mother boards con-
nectors. However, there is a difference mainly between PM3 and PX3, resulting from the difference
between the various members of the 8XX family. Therefore, in the following tables only the differenc-
es are documented per each connector pair - PM1 - PX1...
TABLE 5-13. PX1 - PM1 Interconnect Signals’ Differences
Pin No.
Signal Name
Attribute
Description
No Difference
TABLE 5-14. PX2 - PM2 Interconnect Signals’ Differences
Pin No.
Signal Name
Attribute
Description
76
EXTCLK
O, X
External Clock. 4MHz clock generator output, the input clock to
the MPC.
TABLE 5-15. PX3 - PM3 Interconnect Signals’ Differences
Pin No.
Signal Name
Attribute
Description
No Difference
1
1
PX1
PX4
PX2
PX3
17.09
29.79
93.98
47.1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com