Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 229 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 229 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 225Page - NXP Semiconductors MPC821 Datasheet HTML 226Page - NXP Semiconductors MPC821 Datasheet HTML 227Page - NXP Semiconductors MPC821 Datasheet HTML 228Page - NXP Semiconductors MPC821 Datasheet HTML 229Page - NXP Semiconductors MPC821 Datasheet HTML 230Page - NXP Semiconductors MPC821 Datasheet HTML 231Page - NXP Semiconductors MPC821 Datasheet HTML 232Page - NXP Semiconductors MPC821 Datasheet HTML 233Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 242 page
background image
Support Information
MOTOROLA
MPC860TFADS Daughter Board Design Specification—Rev 0.1
53
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
B29
L1RSYNCB
I/O
See PM3(100).
B30
PC5
I/O
See PM3(99).
B31
L1RSYNCA
I/O
See PM3(98).
B32
GND
-
C1
VCC
C2
C3
C4
C5
C6
RS_EN2~
O, L
See PM3(102).
C7
GND
C8
C9
C10
C11
C12
C13
C14
C15
VD7
I/O
See PM3(121).
C16
VD6
I/O
See PM3(120).
C17
VD5
I/O
See PM3(119).
C18
VD4
I/O
See PM3(118).
C19
FIELD
I/O
See PM3(113).
C20
BLANK~
I/O
See PM3(110).
C21
VCC
-
C22
HRESET~
I/O, L
See PM2(84).
C23
SRESET~
I/O, L
See PM2(80).
C24
N.C.
-
Not Connected
C25
VCC
-
C26
VDOCLK
I/O
See PM3(103)
C27
VPPIN
I/O
+12V input for PCMCIA flash programming. Parallel to P7 of the
MPC8XXFADS.
C28
C29
GND
-
TABLE 5-17. P13 - Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com