Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 231 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 231 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 227Page - NXP Semiconductors MPC821 Datasheet HTML 228Page - NXP Semiconductors MPC821 Datasheet HTML 229Page - NXP Semiconductors MPC821 Datasheet HTML 230Page - NXP Semiconductors MPC821 Datasheet HTML 231Page - NXP Semiconductors MPC821 Datasheet HTML 232Page - NXP Semiconductors MPC821 Datasheet HTML 233Page - NXP Semiconductors MPC821 Datasheet HTML 234Page - NXP Semiconductors MPC821 Datasheet HTML 235Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 242 page
background image
Support Information
MOTOROLA
MPC860TFADS Daughter Board Design Specification—Rev 0.1
55
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
5•2
MPC860TFADSDB Part List
In this section the MPC860TFADSDB bill of material is listed according to their reference designation.
TABLE 5-18. MPC860TFADSDB Part List
Reference Designation
Part Description
Manufacturer
Part #
C5 C6 C7 C8 C9 C10 C11 C12
C14 C15 C16 C17 C19 C20 C22
C23 C24 C25 C28 C29 C32 C37
C38 C39 C40 C43 C47 C48 C49
C52 C53
Capacitor 0.1
µF,16V, 10%, SMD
0603, Ceramic
AVX
0603YC104KAT20
C2 C3 C4 C31 C33 C34 C36 C51
Capacitor 10
µF, 20V, 10%, SMD
Size C, Tantalum
SIEMENS
B45196-H4475-K20
C13
Capacitor 100
µF, 10V, 10%, SMD
Size D, Tantalum
SIEMENS
B45196-H2107-K10
C30 C35
Capacitor 1
µF, 25V, 10%, SMD
Size A, Tantalum
SIEMENS
B45196-H5105-K10
C18 C21
Capacitor 10pF, 50V 10%, COG,
SMD 1206, Ceramic
AVX
AV12065A100KAT00J
C26
Capacitor
5000pF,
50V,
10%,
SMD 1206, Ceramic
AVX
AV12065C 502K A700J
C27
Capacitor
0.68
µF, 20V, 10%,
SMD, Size A, Tantalum
SIEMENS
B45196-E4684-K9
C1 C44 C45 C46
Cap 0.01
µF 50V 10% NPO 1206
VTRAMON
VJ1210A103KXAT
C41 C42
Cap 18pF 50V COG 1206 SMD
CER T/R
AVX
12065A180JAT
C50
Cap 1nF2KV X7R 1210 SMD
CER CAP T/R
AVX
1210B102K202NT
D1
Diode SMD
Motorola
LL4004G
DS1
Dip Switch
BOURNS
90HBW08S
H1 H2 H3
Gnd Bridge, Gold Plated
PRECIDIP
999-11-112-10
J1 J2 J3
Jumper
Header,
3
Pole
with
Fabricated Jumper
J4 J5
Jumper, Soldered.
L1
Inductor 8.2 mHy
BOURNS
PT12133
L2 L3 L4 L5 L6 L7
Ferrite bid SMD
FAIR-RITE
2743021447
LD1 LD2 LD3 LD4 LD5 LD6 LD7
Led Green SMD
SIEMENS
LG-T679-C0
P1 P2 P4 P5 P6 P8 P9
Connector 38 pin, Receptacle
MICTOR.
AMP
2-767004-2
P3
RJ_45 8PIN CONNECTOR
KCC
90015-8P8C
P7
Connector Header, 40 pin, Dual
In-line, SMD
SAMTEC
TSM-115-04-S-DV
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com