Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 232 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 232 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 228Page - NXP Semiconductors MPC821 Datasheet HTML 229Page - NXP Semiconductors MPC821 Datasheet HTML 230Page - NXP Semiconductors MPC821 Datasheet HTML 231Page - NXP Semiconductors MPC821 Datasheet HTML 232Page - NXP Semiconductors MPC821 Datasheet HTML 233Page - NXP Semiconductors MPC821 Datasheet HTML 234Page - NXP Semiconductors MPC821 Datasheet HTML 235Page - NXP Semiconductors MPC821 Datasheet HTML 236Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 242 page
background image
Support Information
56
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
PM1 PM2 PM3 PM4
Connector
Inter-board,
7mm
Height, 140 pin, Plug, SMD
MOLEX
53481-1409
PX1 PX2 PX3 PX4
Connector Inter-board 140 pin,
Receptacle, SMD
MOLEX
52760-1409
R11
Resistor 124 K
Ω, 5%, SMD 1206,
1/8W
RODERSTEIN
D25 124K FCS
R4 R5 R6 R42 R43
Resistor 75
Ω, 5%, SMD 1206, 1/
8W
DRALORIC
CR1206 100 75RJ
R13
Resistor 4.7 K
Ω, 5%, SMD 1206,
1/8W
BOURNS
CR1206 JW 472E
R7
Resistor 47 K
Ω, 1%, SMD 1206,
1/8W
KYOCERA
CR32 473JT
R8
Resistor 200 K
Ω, 5%, SMD 1206,
1/8W
RODERSTEIN
D25 200K FCS
R9
Resistor 20 M
Ω, 5%, SMD 1206,
1/8W
RODERSTEIN
D25 020MJS
R10 R12 R15 R17 R18 R19 R20
R28 R29
Resistor 0
Ω, SMD 1206, 1/8W
TYOHM
RMC 1206 0E 1%
R14 R16 (Not populated)
Resistor 0
Ω, SMD 1206, 1/8W
TYOHM
RMC 1206 0E 1%
R34
Resistor 143
Ω, 5%, SMD 1206, 1/
8W
RODERSTEIN
D25 143R FCS
R33
Resistor 243
Ω, 1%, SMD 1206, 1/
8W
RODERSTEIN
D25 243R FCS
R1 R21 R22 R23 R24 R25
Resistor 330
Ω, 5%, SMD 1206, 1/
8W
1002G43300J
R2 R3 R36 R37
Resistor 191
Ω, 1%, SMD 1206, 1/
8W
DALE
R26
Resistor 22.1K
Ω,1%, SMD 1206,
1/8W
DRALORIK
D25-22K1SCS
R30
Resistor 100
Ω, 1%, SMD 1206, 1/
8W
DRALORIK
D25-100RFCS
R31 R38 R39 R40 R41 R46 R47
R48
Resistor 50
Ω, 1%, SMD 1206, 1/
8W
R32 R 35 R44 R45
Resistor 69.8
Ω, 1%, SMD 1206,
1/8W
DALE
RN1 RN2 RN3
Resistor Network 75
Ω, 5%, 8
resistors, 16 pin.
BOURNS
4816P 001 750J
RN5 RN6
Resistor Network 1K
Ω, 5%, 8
resistors, 16 pin.
BOURNS
D OMC 1401 472
RN4
Resistor Network 4.7K, 5%, 8
resistors, 14 pin.
DALE
SOMC1603-102GTR
TABLE 5-18. MPC860TFADSDB Part List
Reference Designation
Part Description
Manufacturer
Part #
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com