Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 233 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 233 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 229Page - NXP Semiconductors MPC821 Datasheet HTML 230Page - NXP Semiconductors MPC821 Datasheet HTML 231Page - NXP Semiconductors MPC821 Datasheet HTML 232Page - NXP Semiconductors MPC821 Datasheet HTML 233Page - NXP Semiconductors MPC821 Datasheet HTML 234Page - NXP Semiconductors MPC821 Datasheet HTML 235Page - NXP Semiconductors MPC821 Datasheet HTML 236Page - NXP Semiconductors MPC821 Datasheet HTML 237Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 242 page
background image
Support Information
MOTOROLA
MPC860TFADS Daughter Board Design Specification—Rev 0.1
57
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
T1S
Transistor TMOS, Dual, 3A
Motorola
MMDF3N03HD
U1
4 MHz Clock generator. 3.3V,
CMOS levels.
MGR-Tech
MH14FAD 3.3V 4.00MHz
U2
MPC860T, 19 X 19, 357 pin BGA.
Motorola
MPC860
or
MPC860SAR or
MPC860T
U3
OPTICAL TRANCEIVER
This device is not mounted on the
board. if the user wants to use
fiber optic he should populate it.
HP
HFBR-5103 or
HFBR-5105
U4
F-ETHERNET TRANCEIVER
LENELONE
LXT970
U5
LAN Magnetics
HALO
TG-223506
U6
Quad Low Voltage CMOS AND
Gate.
Motorola
74LCX08D
U7
Voltage level detector. Range
1.795V to 2.005V. O.D. output.
Seiko
S-8051HN-CD-X
U8
Variable Output Voltage regulator.
Motorola
LM317MDT
Y1
25Mhz CRYSTAL
CTS
CTX093
Y2
Crystal resonator, 32.768 KHz,
Frequency tolerance
± 30 ppm,
Drive-level - 10
µW Max,
Shunt capacitance - 2pF Max.,
Load capacitance - 12.5pF Max.,
Equivalent Series Resistance -
35 K
Ω Max.
RALTRON
RSM-200-32.768 KHZ
14 pin PC Socket
PD
110-93-314
361 pin 19 X 19 BGA ZIF Socket
ENPLUS
BGA357(441)-1.27-01
TABLE 5-18. MPC860TFADSDB Part List
Reference Designation
Part Description
Manufacturer
Part #
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com