Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 162Page - Renesas Technology Corp UPD17062 Datasheet HTML 163Page - Renesas Technology Corp UPD17062 Datasheet HTML 164Page - Renesas Technology Corp UPD17062 Datasheet HTML 165Page - Renesas Technology Corp UPD17062 Datasheet HTML 166Page - Renesas Technology Corp UPD17062 Datasheet HTML 167Page - Renesas Technology Corp UPD17062 Datasheet HTML 168Page - Renesas Technology Corp UPD17062 Datasheet HTML 169Page - Renesas Technology Corp UPD17062 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 298 page
background image
164
µPD17062
13.5
CLOCK STOP FUNCTION
The clock stop function stops the operation of the 8 MHz crystal oscillator by executing the STOP s
instruction.
The clock stop function can reduce the current drain of the
µPD17062 by 10 µA (maximum).
The operand s of the STOP s instruction is 0000B.
This instruction is effective only when the CE pin is at a low level. If executed when the CE pin is at a high,
the STOP s instruction is regarded as a no-operation instruction (NOP).
In other words, the STOP s instruction should be executed when the CE pin is at a low.
A CE reset is used to release the clock stop state.
Sections 13.5.1 to 13.5.3 describe the clock stop state, how to release the clock stop state, and cautions
to be taken in using the clock stop instruction.
13.5.1
Clock Stop State
In the clock stop state, all operations of the device, including CPU and peripheral hardware operations, are
stopped, because the crystal oscillator stops.
During the clock stop state, the power-failure detector does not operate even if the supply voltage VDD is
lowered to about 2.2 V. This makes possible a low-voltage data memory backup.
13.5.2
Releasing the Clock Stop State
The clock stop state is released by raising the level of the CE pin from a low to a high (CE reset) or by lowering
the supply voltage VDD of the device below 2.2 V, then increasing it to 4.5 V (power-on reset).
Figs. 13-4 and 13-5 show how the clock stop state is released by a CE reset and power-on reset, respectively.
Releasing the clock stop state using a power-on reset causes the power-failure detector to start operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com