Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 166Page - Renesas Technology Corp UPD17062 Datasheet HTML 167Page - Renesas Technology Corp UPD17062 Datasheet HTML 168Page - Renesas Technology Corp UPD17062 Datasheet HTML 169Page - Renesas Technology Corp UPD17062 Datasheet HTML 170Page - Renesas Technology Corp UPD17062 Datasheet HTML 171Page - Renesas Technology Corp UPD17062 Datasheet HTML 172Page - Renesas Technology Corp UPD17062 Datasheet HTML 173Page - Renesas Technology Corp UPD17062 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 298 page
background image
168
µPD17062
Stops at the address
of the HALT
instruction.
Holds the previous
state.
Holds the previous
state.
Holds the previous
state.
Operates normally.
Operates normally.
Operates normally.
Stops operating.
Operates normally.
Operates normally.
Operates normally.
Holds the same state
as when the HALT
instruction is
executed.
If the STOP instruction at
( is executed in place of the HALT instruction at &, all flags in the control register
set up at
#, $, and % are initialized, and therefore, the serial communication is suspended and all pins of
port 0A are specified as general-purpose input/output ports.
Table 13-1
Behavior of the Device at the Halt and Clock Stop States
Peripheral hardware
State
CE pin = low level
Halt
Clock stop
Clock stop
Halt
CE pin = high level
Program counter
System register
Peripheral hardware
register
Control register
Timer
A/D converter
D/A converter
Serial interface
General-purpose
input/output port
General-purpose
input port
General-purpose
output port
IDC
Initialized to 0000H
and stops.
InitializedNote.
Holds the previous
state.
InitializedNote.
Stops operating.
Stops operating.
Stops operating.
Stops operating.
Works as input port.
Works as input port.
Holds the previous
state.
Stops operating.
Note See Chapters 8 and 9 for the initial values.
The STOP instruction
is invalid (NOP).
Stops at the address
of the HALT
instruction.
Holds the previous
state.
Holds the previous
state.
Holds the previous
state.
Operates normally.
Operates normally.
Operates normally.
Stops operating.
Operates normally.
Operates normally.
Operates normally.
Stops operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com