Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 169Page - Renesas Technology Corp UPD17062 Datasheet HTML 170Page - Renesas Technology Corp UPD17062 Datasheet HTML 171Page - Renesas Technology Corp UPD17062 Datasheet HTML 172Page - Renesas Technology Corp UPD17062 Datasheet HTML 173Page - Renesas Technology Corp UPD17062 Datasheet HTML 174Page - Renesas Technology Corp UPD17062 Datasheet HTML 175Page - Renesas Technology Corp UPD17062 Datasheet HTML 176Page - Renesas Technology Corp UPD17062 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 298 page
background image
171
µPD17062
14. RESET
The reset function is used to initialize device operation.
14.1
RESET BLOCK CONFIGURATION
Fig. 14-1 shows the configuration of the reset block.
Device reset is divided into reset by turning on VDD (power-on reset or VDD reset), and reset by CE pin (CE
reset).
The power-on reset block consists of a voltage detection circuit that detects the voltage applied to the VDD
pin, a power failure detection circuit, and a reset control circuit.
The CE reset block consists of a circuit that detects the rising edge of the signal input to the CE pin, and
a reset control circuit.
Fig. 14-1
Reset Block
XOUT
XIN
VDD
CE
Power-on clear signal (POC)
Reset signal
IRES
RES
RESET
STOP instruction
R
S
Q
Selector
Timer carry FF
Timer FF block
Power failure detection block
Scaler
BTM0CY
flag read
STOP
instruction
Voltage
detection
circuit
Control register
System register
Stack
Program counter
Forced halt by
timer carry FF
Rising edge
detection
circuit
Timer carry
disable FF
Reset
control
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com