Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 170Page - Renesas Technology Corp UPD17062 Datasheet HTML 171Page - Renesas Technology Corp UPD17062 Datasheet HTML 172Page - Renesas Technology Corp UPD17062 Datasheet HTML 173Page - Renesas Technology Corp UPD17062 Datasheet HTML 174Page - Renesas Technology Corp UPD17062 Datasheet HTML 175Page - Renesas Technology Corp UPD17062 Datasheet HTML 176Page - Renesas Technology Corp UPD17062 Datasheet HTML 177Page - Renesas Technology Corp UPD17062 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 298 page
background image
172
µPD17062
14.2
RESET FUNCTION
Power-on reset is applied when VDD rises from a certain voltage, CE reset is applied when the CE pin rises
from low level to high level.
Power-on reset initializes the program counter, stack, system register and control registers, and executes
the program from address 0000H.
CE reset initializes the program counter, stack, system register and some control registers, and executes
the program from address 0000H.
The main differences between power-on reset and CE reset are the operation of the control registers that
are initialized and the power failure detection circuit described in Section 14.6.
Power-on reset and CE reset are controlled by reset signals IRES, RES, and RESET output from the reset
control circuit in Fig. 14-1.
Table 14-1 shows the IRES, RES, and RESET signal and power-on reset and CE reset relationship.
The reset control circuit also operates when the clock-stop instruction (STOP) described in Chapter 13 is
executed.
Sections 14.3 and 14.4 describe CE reset and power-on reset, respectively.
Section 14.5 describes the relationship between CE reset and power-on reset.
Table 14-1
Relationship between Internal Reset Signal and Each Reset
Output signal
Internal reset signal
At CE reset
At power-
At clock-stop
Contents controlled by each reset signal
on reset
IRES
×
q
q
q
q
Forces the device into the halt state.
The halt state is released by the setting of the
timer carry FF.
RES
×
q
q
q
q
Initializes some control registers.
RESET
q
q
q
q
q
q
Initializes the program counter, stack, system
register, and some control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com