Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 168Page - Renesas Technology Corp UPD17062 Datasheet HTML 169Page - Renesas Technology Corp UPD17062 Datasheet HTML 170Page - Renesas Technology Corp UPD17062 Datasheet HTML 171Page - Renesas Technology Corp UPD17062 Datasheet HTML 172Page - Renesas Technology Corp UPD17062 Datasheet HTML 173Page - Renesas Technology Corp UPD17062 Datasheet HTML 174Page - Renesas Technology Corp UPD17062 Datasheet HTML 175Page - Renesas Technology Corp UPD17062 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 298 page
background image
170
µPD17062
Table 13-2
State of Each Pin During the Halt or Clock Stop State and Cautions to Be Taken (2/2)
INTNC
RED
GREEN
BLUE
BLANK
HSYNC
VSYNC
PWM3
PWM2
PWM1
PWM0
ADC0
XIN
XOUT
Clock stop state
State of each pin and cautions in processing
Halt state
Pin symbol
Pin function
If the pin is floating, external noise causes the current drain to increase.
The output pins remain in the state in
which they were when the HALT
instruction was executed. If the IDCEN
flag is set, the current drain increases.
It is necessary to take the same cautions
as for the general-purpose output port.
The pin becomes floating.
The current drain varies with the
waveform of the oscillation output of the
clock oscillator.
The larger the amplitude, the current drain
becomes lower.
The oscillation amplitude of the oscillator
varies depending on its crystal and load
capacitance; evaluation is required.
The IDC is disabled.
Each pin behaves as follows:
The current drain will not increase,
even if the RED, GREEN, and BLUE
pins output a low level, or the HSYNC
and VSYNC pins are floating.
All pins output a low level.
The XIN pin is internally pulled
down, and the XOUT pin outputs a
high level.
Interrupt
IDC
D/A converter
A/D converter
Clock oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com