Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 160Page - Renesas Technology Corp UPD17062 Datasheet HTML 161Page - Renesas Technology Corp UPD17062 Datasheet HTML 162Page - Renesas Technology Corp UPD17062 Datasheet HTML 163Page - Renesas Technology Corp UPD17062 Datasheet HTML 164Page - Renesas Technology Corp UPD17062 Datasheet HTML 165Page - Renesas Technology Corp UPD17062 Datasheet HTML 166Page - Renesas Technology Corp UPD17062 Datasheet HTML 167Page - Renesas Technology Corp UPD17062 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 298 page
background image
162
µPD17062
13.4.5
Releasing the Halt State by an Interrupt
The HALT 1000B instruction specifies an interrupt as halt release condition.
If it is specified that the halt state is to be released according to an interrupt, the halt state is released
immediately when an interrupt request is accepted.
Four interrupt sources, INTNC pin, timer, VSYNC, and serial interface, can be used as a condition to release
the halt state.
It is necessary to program which interrupt source is to be used as a halt release condition, beforehand.
For an interrupt request to be accepted, besides issuing the interrupt request, it is necessary to enable all
interrupts (EI instruction) and the interrupt that corresponds to the issued interrupt request (to set the interrupt
permission flag).
If interrupts are not enabled, no interrupt request is accepted and therefore the halt state is not released,
even if an interrupt request is issued.
If an interrupt request is accepted and the halt state is released, program control is passed to the vector
address of the corresponding interrupt. After the required interrupt handling is finished, when the RET1
instruction is executed, program control is returned to the instruction just after the HALT instruction.
This is explained in the following example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com