Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 157Page - Renesas Technology Corp UPD17062 Datasheet HTML 158Page - Renesas Technology Corp UPD17062 Datasheet HTML 159Page - Renesas Technology Corp UPD17062 Datasheet HTML 160Page - Renesas Technology Corp UPD17062 Datasheet HTML 161Page - Renesas Technology Corp UPD17062 Datasheet HTML 162Page - Renesas Technology Corp UPD17062 Datasheet HTML 163Page - Renesas Technology Corp UPD17062 Datasheet HTML 164Page - Renesas Technology Corp UPD17062 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 298 page
background image
159
µPD17062
(2) Cautions in using the P0D0/ADC2 to P0D3/ADC5 pins for an A/D converter
P0D3/ADC5
P0D2/ADC4
P0D1/ADC3
P0D0/ADC2
A/D input
A/D input
Latch
General-purpose port
If one of the P0D0/ADC2 to P0D3/ADC5 pins is selected for an A/D converter (only one pin can be selected
at one time), it is disconnected from the input latch and connected to the internal A/D converter input.
If a pin happens to be at a high level when it is selected for an A/D converter, the latch circuit is held at
a high.
If the HALT 0001B instruction is executed under the above condition, the halt state is released immediately
because the input latch is at a high.
To solve the above problem, specify the input port so that a low level is input to the A/D converter, before
executing the HALT 0001B instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com