Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 153Page - Renesas Technology Corp UPD17062 Datasheet HTML 154Page - Renesas Technology Corp UPD17062 Datasheet HTML 155Page - Renesas Technology Corp UPD17062 Datasheet HTML 156Page - Renesas Technology Corp UPD17062 Datasheet HTML 157Page - Renesas Technology Corp UPD17062 Datasheet HTML 158Page - Renesas Technology Corp UPD17062 Datasheet HTML 159Page - Renesas Technology Corp UPD17062 Datasheet HTML 160Page - Renesas Technology Corp UPD17062 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 298 page
background image
155
µPD17062
13.3
DEVICE OPERATION MODE SPECIFIED AT THE CE PIN
The CE pin controls the following items according to the level and positive-going edge of its input signal.
(1) Whether to enable or disable the clock stop instruction
(2) Whether to reset the device
Sections 13.3.1 and 13.3.2 explain the above items, respectively.
13.3.1
Controlling Whether to Enable or Disable the Clock Stop Instruction
The clock stop instruction, STOP s, is effective only when the CE pin is at a low level.
If the STOP s instruction is executed when the CE pin is at a high level, it is treated as a no-operation (NOP)
instruction.
13.3.2
Resetting the Device
Driving the CE pin from a low to a high can reset the device (CE reset).
There is another type of reset, which is a power-on reset. It occurs when supply voltage VDD is turned on.
See Chapter 14 for details.
13.3.3
Signal Inputs to the CE Pin
The CE pin does not accept a high or low level with a duration of less than 187.5
µs to prevent malfunction
due to noise.
The input level of a signal supplied to the CE pin is checked using the CE flag in the control register (bit
b0 at address 07H).
Fig. 13-2 shows the relationship between the input signal and CE flag.
Fig. 13-2
Relationship Between the Input Signal and CE Flag
CE pin
CE flag
Less than 187.5 s
Less than 187.5 s
CE reset
STOP instruction disabled (NOP)
STOP instruction enabled
STOP instruction disabled (NOP);
a CE reset occurs next time
the timer carry FF is set.
187.5 s
187.5 s
µµ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com