Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 155Page - Renesas Technology Corp UPD17062 Datasheet HTML 156Page - Renesas Technology Corp UPD17062 Datasheet HTML 157Page - Renesas Technology Corp UPD17062 Datasheet HTML 158Page - Renesas Technology Corp UPD17062 Datasheet HTML 159Page - Renesas Technology Corp UPD17062 Datasheet HTML 160Page - Renesas Technology Corp UPD17062 Datasheet HTML 161Page - Renesas Technology Corp UPD17062 Datasheet HTML 162Page - Renesas Technology Corp UPD17062 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 298 page
background image
157
µPD17062
13.4.2
Halt Release Conditions
Fig. 13-3 summarizes the release conditions.
As shown in Fig. 13-3, the halt release condition is 4-bit data specified in the operand h of the HALT h
instruction.
The halt state is released when a condition specified as 1 in the operand h is satisfied.
Upon release of the halt state, the subsequent instructions after the HALT h instruction are executed
sequentially.
If multiple release conditions are specified at a time, the halt state is released when only one of them is
satisfied.
Also when a power-on or CE reset occurs, the halt state is released and the device is reset.
If the operand h is 0000B, no halt release condition is specified.
Under this condition, the halt state is released by resetting (power-on or CE reset) the device.
Sections 13.4.3 to 13.4.6 explain the timer carry FF, interrupt, and key entry as halt release conditions.
Fig. 13-3
Halt Release Conditions
b3
b2
b1
b0
0
1
HALT h (4 bits)
Operand bits
Specify a condition to release the halt state.
The halt state is released by a high level applied to a key entry pin (P0D3/ADC5 to P0D0/ADC2 pins).
The halt state is released when the timer carry FF is set to 1.
Undefined (to be fixed at 0)
The halt state is released when an interrupt (INTNC pin, timer, VSYNC, serial interface) is accepted.
The halt state is not released even when the condition is satisfied.
The halt state is released when the condition is satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com