Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 154Page - Renesas Technology Corp UPD17062 Datasheet HTML 155Page - Renesas Technology Corp UPD17062 Datasheet HTML 156Page - Renesas Technology Corp UPD17062 Datasheet HTML 157Page - Renesas Technology Corp UPD17062 Datasheet HTML 158Page - Renesas Technology Corp UPD17062 Datasheet HTML 159Page - Renesas Technology Corp UPD17062 Datasheet HTML 160Page - Renesas Technology Corp UPD17062 Datasheet HTML 161Page - Renesas Technology Corp UPD17062 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 298 page
background image
156
µPD17062
13.4
HALT FUNCTION
The halt function stops the operation of the CPU clock by executing the HALT h instruction.
When the HALT h instruction is executed, the program stops at this instruction and rests there until the
halt state is released.
In the halt state, the current drain in the device is reduced by the amount required by the CPU to operate.
The halt state can be released using the timer carry FF, interrupt, and key entry.
The operand h of the HALT h instruction specifies a condition (timer carry FF, interrupt, or key entry) to
release the halt state.
The HALT h instruction is always effective regardless of the input level at the CE pin.
Sections 13.4.1 to 13.4.5 explain the halt state and halt release conditions.
13.4.1
Halt State
The CPU is entirely at a stop in the halt state.
In the halt state, the program completely stops at the HALT h instruction.
In the halt state, however, the peripheral hardware continues operating as it did before execution of the
HALT h instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com