Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 156Page - Renesas Technology Corp UPD17062 Datasheet HTML 157Page - Renesas Technology Corp UPD17062 Datasheet HTML 158Page - Renesas Technology Corp UPD17062 Datasheet HTML 159Page - Renesas Technology Corp UPD17062 Datasheet HTML 160Page - Renesas Technology Corp UPD17062 Datasheet HTML 161Page - Renesas Technology Corp UPD17062 Datasheet HTML 162Page - Renesas Technology Corp UPD17062 Datasheet HTML 163Page - Renesas Technology Corp UPD17062 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 298 page
background image
158
µPD17062
13.4.3
Halt Release by Key Entry
The HALT 0001B instruction specifies a key entry as a halt release condition.
If this condition is specified, the halt state is released when a high level is applied to one of the P0D0/ADC2
to P0D3/ADC5 pins.
Items (1) to (3) describe cautions to be taken in using a general-purpose output port as a key source signal
and the P0D0/ADC2 to P0D3/ADC5 pins for an A/D converter.
(1) Cautions in using a general-purpose output port as a key source signal
P0D3/ADC5
P0D2/ADC4
P0D1/ADC3
P0D0/ADC2
Latch
Switch A
General-purpose output port
The HALT 0001B instruction must be executed after the general-purpose output port for key source signal
input is raised to a high.
If an alternate switch, like switch A in the above figure, is used, a high level is always applied to the P0D0/
ADC2 pin when the switch is kept closed, and causes the halt state to be released immediately.
Therefore, great care should be taken when an alternate switch is used.
The P0D0/ADC2 to P0D3/ADC5 pins are internally pulled down automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com