Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 149Page - Renesas Technology Corp UPD17062 Datasheet HTML 150Page - Renesas Technology Corp UPD17062 Datasheet HTML 151Page - Renesas Technology Corp UPD17062 Datasheet HTML 152Page - Renesas Technology Corp UPD17062 Datasheet HTML 153Page - Renesas Technology Corp UPD17062 Datasheet HTML 154Page - Renesas Technology Corp UPD17062 Datasheet HTML 155Page - Renesas Technology Corp UPD17062 Datasheet HTML 156Page - Renesas Technology Corp UPD17062 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 298 page
background image
151
µPD17062
12.6
CAUTIONS IN USING THE TIMER INTERRUPT
In a program using a timer that operates at constant intervals once a power-on reset occurs, it is necessary
to have the timer interrupt handling routine finish within that constant interval.
This is explained using an example.
Example
BR
AAA
; Branches to AAA after reset.
TIMER:
; Program address 0003H
ADD
M1, #0100B ; Adds 0100B to the content of M1.
SKT1
CY
; Performs clock processing if a carry occurs.
BR
AAA
;
#
Clock process
EI
RETI
AAA:
INITFLG
NOT BTM0ZX, NOT BTM0CK2, NOT BTM0CK1, NOT BTM0CK0
; Built-in macro
; Specifies the timer interrupt time and timer carry FF setting time interval as 250
and 100 ms, respectively.
SET1
IPBTM0
; Built-in macro
EI
; Enables the timer interrupt.
Process A
BR
AAA
The program in this example performs the clock process
# at every one second while performing process
A.
If the CE pin goes from a low to a high as shown in Fig. 12-10 (a), a CE reset occurs in synchronization with
the positive-going edge of the timer carry FF set pulse. If the timer interrupt request happens to be issued
simultaneously when the timer carry FF is set, a CE reset takes precedence. When the CE reset occurs, it resets
the timer interrupt request (IRQBTM0 flag), thus skipping the timer process once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com