Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 146Page - Renesas Technology Corp UPD17062 Datasheet HTML 147Page - Renesas Technology Corp UPD17062 Datasheet HTML 148Page - Renesas Technology Corp UPD17062 Datasheet HTML 149Page - Renesas Technology Corp UPD17062 Datasheet HTML 150Page - Renesas Technology Corp UPD17062 Datasheet HTML 151Page - Renesas Technology Corp UPD17062 Datasheet HTML 152Page - Renesas Technology Corp UPD17062 Datasheet HTML 153Page - Renesas Technology Corp UPD17062 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 298 page
background image
148
µPD17062
12.5.1
Example of Using a Timer Based on a Timer Interrupt
An example follows.
Example
BR
AAA
; Branches to AAA.
TIMER:
; Program address 0003H
ADD
M1, #0001B ; Add 1 to M1.
SKT1
CY
; Tests the CY flag.
BR
BBB
; Returns if no carry is generated.
Process A
BBB:
EI
RETI
AAA:
INITFLG
NOT BTM0ZX, NOT BTM0CK2, NOT BTM0CK1, NOT BTM0CK0
; Built-in macro
; Specifies the timer interrupt pulse as 5 ms.
MOV
M1, #0000B ; Clears the content of M1 to 0.
SET1
IPBTM0
; Enables a timer interrupt.
EI
; Enables all types of interrupts.
LOOP:
Process B
BR
LOOP
This program performs process A at every 80 ms.
At this point, note the following: Accepting an interrupt request causes a DI state automatically, and the
IRQBTM0 flag is set to 1 even in the DI state.
In other words, if process A takes 5 ms or longer, an interrupt request will be accepted immediately when
a return is made by a RETI instruction, thus disabling process B from being performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com