Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 144Page - Renesas Technology Corp UPD17062 Datasheet HTML 145Page - Renesas Technology Corp UPD17062 Datasheet HTML 146Page - Renesas Technology Corp UPD17062 Datasheet HTML 147Page - Renesas Technology Corp UPD17062 Datasheet HTML 148Page - Renesas Technology Corp UPD17062 Datasheet HTML 149Page - Renesas Technology Corp UPD17062 Datasheet HTML 150Page - Renesas Technology Corp UPD17062 Datasheet HTML 151Page - Renesas Technology Corp UPD17062 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 298 page
background image
146
µPD17062
The program shown below is an example of a program that meets the above condition. Do not creates
such a program.
Example
Process A
INITFLG
NOT BTM0ZX, NOT BTM0CK2, NOT BTM0CK1, BTM0CK0
; Built-in macro
; Specifies the timer carry FF set pulse as 5 ms.
LOOP:
;
#
SKT1 BTM0CY ; Built-in macro
BR
BBB
AAA:
496 steps
BR
LOOP
BBB:
496 steps
BR
LOOP
Because the BTM0CY flag read instruction at
# in this program is executed at every 500 instructions, once
the BTM0CY flag happens to be set at the timing of the instruction at
#, a CE reset will not occur forever.
In addition, because the instruction execution time is 12
µs (1/83.33 kHz) during the operation of the IDC,
do not create a cyclic program that meets the following condition.
tSET
× 83.33 = n (n is any integer)
x
where tSET : BTM0CY flag setting time interval
x
: BTM0CY flag read instruction cycle time x number of steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com