Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 145Page - Renesas Technology Corp UPD17062 Datasheet HTML 146Page - Renesas Technology Corp UPD17062 Datasheet HTML 147Page - Renesas Technology Corp UPD17062 Datasheet HTML 148Page - Renesas Technology Corp UPD17062 Datasheet HTML 149Page - Renesas Technology Corp UPD17062 Datasheet HTML 150Page - Renesas Technology Corp UPD17062 Datasheet HTML 151Page - Renesas Technology Corp UPD17062 Datasheet HTML 152Page - Renesas Technology Corp UPD17062 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 298 page
background image
147
µPD17062
12.5
TIMER INTERRUPT
The timer interrupt function issues an interrupt request at the negative-going edge of the timer interrupt
pulse specified in the timer mode select register.
The timer interrupt request corresponds to the IRQBTM0 flag in the interrupt request register on a one-to-
one basis. When an interrupt is requested, the corresponding IRQBTM0 flag is set to 1.
In other words, when a timer interrupt request pulse falls, the IRQBTM0 flag is set to 1.
As described in Chapter 11, to use the timer interrupt function, it is necessary not only to issue an interrupt
request but also to execute the EI instruction, which enables all interrupts, and enable the timer interrupt.
The timer interrupt is enabled by setting the IPBTM0 flag to 1 in the interrupt permission register.
To put in another way, if the EI instruction has been executed, and the IPBTM0 flag is set to 1, an interrupt
request is accepted when the IRQBTM0 flag is set to 1.
When a timer interrupt request is accepted, program control is passed to program memory address 0003H.
When the interrupt request is accepted, the IRQBTM0 flag is reset to 0.
Fig. 12-8 shows the relationship between the timer interrupt pulse and the IRQBTM0 flag.
Fig. 12-8
Relationship Between the Timer Interrupt Pulse and the IRQBTM0 Flag
#
IRQBTM0
IPBTM0
INTE
FF
EI
DI
Timer interrupt pulse
The negative-going edge
of the timer interrupt pulse
sets the IRQBTM0 flag.
The EI instruction is executed,
but the interrupt request is
not accepted because the
IPBTM0 flag is not set.
The timer interrupt request is
accepted at the same time
the IPBTM0 flag is set.
Timer interrupt
request accepted
Interrupt pending
Interrupt enabled
At this point, note the following: Once the IRQBTM0 flag is set when a timer interrupt is disabled by the
DI instruction or the IPBTM0 flag, the corresponding interrupt request is accepted immediately when the EI
instruction is executed or the IPBTM0 flag is set.
In the above case, writing 0 to the IRQBTM0 flag can cancel the interrupt request.
Meanwhile, writing 1 to the IRQBTM0 flag amounts to issuing an interrupt request.
Accepting a timer interrupt request uses one level of stack.
When an interrupt request is accepted, the contents of the bank register and index enable flag are saved
automatically.
A RETI instruction is used to return from an interrupt handling routine. This instruction is dedicated to use
for this purpose.
See Chapters 4 and 11 for details.
Sections 12.5.1 and 12.5.2 describe an example of using a timer interrupt and a timer interrupt error,
respectively.
See Chapter 11 for relationships with other types of interrupts (INTNC pin, VSYNC pin, and serial interface).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com