Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 147Page - Renesas Technology Corp UPD17062 Datasheet HTML 148Page - Renesas Technology Corp UPD17062 Datasheet HTML 149Page - Renesas Technology Corp UPD17062 Datasheet HTML 150Page - Renesas Technology Corp UPD17062 Datasheet HTML 151Page - Renesas Technology Corp UPD17062 Datasheet HTML 152Page - Renesas Technology Corp UPD17062 Datasheet HTML 153Page - Renesas Technology Corp UPD17062 Datasheet HTML 154Page - Renesas Technology Corp UPD17062 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 298 page
background image
149
µPD17062
12.5.2
Timer Interrupt Error
As explained in Section 12.4, an interrupt request is accepted each time the timer interrupt pulse goes low,
provided that the interrupt is enabled.
A timer error due to use of a timer interrupt occurs when:
(1) An interrupt request is accepted for the first time after the timer interrupt is enabled.
(2) An interrupt request is accepted for the first time after the timer interrupt pulse interval is switched.
(3) Writing to the IRQBTM0 flag occurs.
These timer error types are illustrated in Fig. 12-9.
Fig. 12-9
Timer Interrupt Error (1/2)
(a) When a timer interrupt is enabled
IRQBTM0
IPBTM0
INTE
FF
EI
DI
tSET
EI
EI
EI
# $
%
SET1 IPBTM0
Timer interrupt
pulse
Interrupt pending
Interrupt request
accepted
Interrupt request accepted
Interrupt request accepted
At point
#, an interrupt request is accepted immediately when the IPBTM0 flag is set to enable the timer
interrupt.
In the above case, timer error -tSET occurs.
If the EI instruction is executed at point
$ to enable interrupts, an interrupt occurs at the negative-going
edge of the timer interrupt pulse at point
%.
In the above case, the time error is: -tSET < timer error < 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com