Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 207Page - Renesas Technology Corp UPD17062 Datasheet HTML 208Page - Renesas Technology Corp UPD17062 Datasheet HTML 209Page - Renesas Technology Corp UPD17062 Datasheet HTML 210Page - Renesas Technology Corp UPD17062 Datasheet HTML 211Page - Renesas Technology Corp UPD17062 Datasheet HTML 212Page - Renesas Technology Corp UPD17062 Datasheet HTML 213Page - Renesas Technology Corp UPD17062 Datasheet HTML 214Page - Renesas Technology Corp UPD17062 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 298 page
background image
209
µPD17062
16.4
WAIT REGISTER
The
µPD17062 can set a state in which the serial interface hardware does not operate, even if a shift clock
is input. This state is called wait mode and is set by the wait register.
The wait register consists of four bits; the SIO0WRQ0 flag, which specifies the timing to stop (wait) serial
interface communication, SIO0WRQ1 flag, SIO0NWT flag, which indicates if whether the current state is
waiting, and the SBACK flag, which indicates whether an acknowledgement is returned in two-wire bus mode.
The wait register, mapped to the register file, is manipulated by executing “PEEK” and “POKE” instructions
via the window register.
All flags of the wait register are reset to 0 at power-on reset and when the system clock is stopped by
executing a STOP instruction.
Fig. 16-4
Configuration of Wait Register
16.4.1
SIO0WRQ1 and SIO0WRQ0 (Serial I/O Wait Request) Flag
The SIO0WRQ1 and SIO0WRQ0 flags reserve (specify) the timing at which the serial interface hardware
is forced to wait. The
µPD17062 expands the concept of waiting from slave operations in two-wire bus mode,
to the transmission side in two-wire bus mode and internal clock operations in serial I/O mode.
During wait, the clock counter and the shift clock applied to the presettable shift register are disabled. This
means that, during wait, the clock counter is not updated and the contents of the presettable shift register
are not shifted, even if the level of the shift clock pin changes.
Bit position
b3
b2
b1
b0
Flag name
SBACK
SIO0NWT SIO0WRQ1 SIO0WRQ0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com