Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 203Page - Renesas Technology Corp UPD17062 Datasheet HTML 204Page - Renesas Technology Corp UPD17062 Datasheet HTML 205Page - Renesas Technology Corp UPD17062 Datasheet HTML 206Page - Renesas Technology Corp UPD17062 Datasheet HTML 207Page - Renesas Technology Corp UPD17062 Datasheet HTML 208Page - Renesas Technology Corp UPD17062 Datasheet HTML 209Page - Renesas Technology Corp UPD17062 Datasheet HTML 210Page - Renesas Technology Corp UPD17062 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 298 page
background image
205
µPD17062
16.1.3
SIO0MS
The SIO0MS flag specifies the serial interface clock to be used.
When the SIO0MS flag is set to 0, the external clock is selected. When the SIO0MS flag is set to 1, the internal
clock is selected. When the internal clock is selected, its frequency is set by the shift clock frequency register
(RF: 39H).
When the SIO0MS flag is set to 0 in two-wire bus mode, slave operation is specified. When the SIO0MS
flag is set to 1 in two-wire bus mode, master operation is specified.
Table 16-6
SIO0MS Flag Functions
16.1.4
SIO0TX
If the SIO0TX flag is set to 0 in two-wire bus mode, reception mode is specified. If the SIO0TX flag is set
to 1 in two-wire bus mode, transmission mode is specified.
If the SIO0TX flag becomes 0 upon specifying CH0 serial I/O mode, SI mode (the SDA pin is in input mode)
is specified. If the SIO0TX flag becomes 1 upon specifying CH0 serial I/O mode, SO mode (the SDA pin is in
output mode) is specified.
When the CH1 serial I/O mode is specified, the SIO0TX flag specifies whether the SO pin is to be used as
a serial interface. When the SIO0TX flag is set to 1, the SO pin is used as an SO pin. When the SIO0TX flag
is set to 0, the SO pin is used as a general-purpose port.
Table 16-7
SIO0TX Flag Functions
SIO0MS
Function
0
Two-wire bus mode : Slave operation
Serial I/O mode
: External clock operation
1
Two-wire bus mode : Master operation
Serial I/O mode
: Internal clock operation
SIO0TX
Function
0
Two-wire bus mode : RX (reception) mode
CH0 serial I/O mode : SI mode
CH1 serial I/O mode : P0A3 is used as a general-purpose port
1
Two-wire bus mode : TX (transmission) mode
CH0 serial I/O mode : SO mode
CH1 serial I/O mode : P0A3 is used as an SO pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com