Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 202Page - Renesas Technology Corp UPD17062 Datasheet HTML 203Page - Renesas Technology Corp UPD17062 Datasheet HTML 204Page - Renesas Technology Corp UPD17062 Datasheet HTML 205Page - Renesas Technology Corp UPD17062 Datasheet HTML 206Page - Renesas Technology Corp UPD17062 Datasheet HTML 207Page - Renesas Technology Corp UPD17062 Datasheet HTML 208Page - Renesas Technology Corp UPD17062 Datasheet HTML 209Page - Renesas Technology Corp UPD17062 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 298 page
background image
204
µPD17062
16.1.1
SIO0CH
The SIO0CH flag is used to select the channel of the serial interface.
When the SIO0CH flag is set to 0, the serial interface hardware is connected to CH0. When the SIO0CH flag
is set to 1, the serial interface hardware is connected to CH1.
The external pin of the unselected channels is used as a general-purpose port.
Table 16-4
Channel Setting of Serial Interface
16.1.2
SB
The SB flag specifies the serial interface protocol.
When the SB flag is set to 0, serial I/O mode is specified. When the SB flag is set to 1, two-wire bus mode
is specified.
Since CH1 does not support two-wire bus mode, the SB flag must be set to 0 when CH1 is used.
Table 16-5
Specification of Serial Interface Protocol
SIO0CH
Channel to be selected
0
CH0
1
CH1
SB
Protocol
0
Serial I/O mode
1
Two-wire bus mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com