Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 198Page - Renesas Technology Corp UPD17062 Datasheet HTML 199Page - Renesas Technology Corp UPD17062 Datasheet HTML 200Page - Renesas Technology Corp UPD17062 Datasheet HTML 201Page - Renesas Technology Corp UPD17062 Datasheet HTML 202Page - Renesas Technology Corp UPD17062 Datasheet HTML 203Page - Renesas Technology Corp UPD17062 Datasheet HTML 204Page - Renesas Technology Corp UPD17062 Datasheet HTML 205Page - Renesas Technology Corp UPD17062 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 298 page
background image
200
µPD17062
15.5.2
Example of Using Output Ports (P0C, P1A)
The output ports output the contents of the output latch from each pin.
Output data can be set by executing an instruction, such as the MOV instruction, to write the contents of
the port register for each pin.
To output a high level signal to each pin, write 1. To output a low level signal to each pin, write 0.
However, the P1A3, P1A2, P1A1, and P1A0 pins, because of the N-ch open-drain output, are set to the floating
state (Hi-Z) when a high level signal is output.
Upon executing an instruction to read the port register, such as the SKT instruction, the contents of the
output latch are read.
15.5.3
State of Output Ports (P0C, P1A) at Reset
(1) At power-on reset
The contents of the output latch are output.
Since the contents of the output latch are “indefinite”, “indefinite” values are output until the output latch
is initialized by the program.
(2) At CE reset
The contents of the output latch are output.
Since the contents of the output latch are retained, the output data remains as is upon a CE reset.
(3) At clock stop
The contents of the output latch are output.
Since the contents of the output latch are retained, the output data remains as is at clock stop.
Therefore, the output latch must be initialized by the program as necessary.
(4) During halt state
The contents of the output latch are output.
Since the contents of the output latch are retained, the output data remains as is during the halt state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com