Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 196Page - Renesas Technology Corp UPD17062 Datasheet HTML 197Page - Renesas Technology Corp UPD17062 Datasheet HTML 198Page - Renesas Technology Corp UPD17062 Datasheet HTML 199Page - Renesas Technology Corp UPD17062 Datasheet HTML 200Page - Renesas Technology Corp UPD17062 Datasheet HTML 201Page - Renesas Technology Corp UPD17062 Datasheet HTML 202Page - Renesas Technology Corp UPD17062 Datasheet HTML 203Page - Renesas Technology Corp UPD17062 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 298 page
background image
198
µPD17062
15.4
GENERAL-PURPOSE INPUT PORT (P0D)
15.4.1
Configuration
The following explains the configuration of the input port.
(1) P0D (P0D3, P0D2, P0D1, P0D0 pins)
15.4.2
Example of Using Input Port (P0D)
Input data can be read by executing an instruction, such as the SKT instruction, to read the contents of the
port register for each pin.
When a high level signal is input to each pin of the port register, 1 is read. When a low level signal is input
to each pin of the port register, 0 is read.
When a write instruction, such as the MOV instruction, is executed, the port register remains as is.
15.4.3
Notes on Using Input Port (P0D)
P0D is internally pulled down when being used as a general-purpose port.
15.4.4
State of Input Port (P0D) upon Reset
(1) At power-on reset
All I/O ports are set as general-purpose input ports.
(2) At CE reset
All I/O ports are set as general-purpose input ports.
(3) At clock stop
All I/O ports are set as general-purpose input ports.
The RESET signal, output upon clock stop, prevents the current drain from increasing due to noise from
the input buffer, as explained in Section 15.4.1.
P0D is pulled down internally.
(4) During halt state
The previous state is retained.
VDD
RESET
ADC selection signal
Write
instruction
To A/D converter
High on-state resistor
Port register
(1 bit)
Read
instruction
Input latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com