Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 192Page - Renesas Technology Corp UPD17062 Datasheet HTML 193Page - Renesas Technology Corp UPD17062 Datasheet HTML 194Page - Renesas Technology Corp UPD17062 Datasheet HTML 195Page - Renesas Technology Corp UPD17062 Datasheet HTML 196Page - Renesas Technology Corp UPD17062 Datasheet HTML 197Page - Renesas Technology Corp UPD17062 Datasheet HTML 198Page - Renesas Technology Corp UPD17062 Datasheet HTML 199Page - Renesas Technology Corp UPD17062 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 298 page
background image
194
µPD17062
15.3
GENERAL-PURPOSE I/O PORTS (P0A, P0B, P1B, P1C)
15.3.1
Configuration of I/O Ports
In the following, (1) to (3) explain the configuration of the I/O ports.
(1) P0A (P0A3, P0A2 pins)
P0B (P0B3, P0B2, P0B1, P0B0 pins)
P1B (P1B3, P1B2, P1B1, P1B0 pins)
P1C (P1C3, P1C2, P1C1 pins)
(2) P0A (P0A1, P0A0 pins)
15.3.2
How to Use I/O Ports
An I/O port is set as an input or output port according to the contents of each I/O selection register of P0A,
P0B, P1B, and P1C of the control register.
I/O of the bit I/O port (P0A, P0B, P1B) can be set in 1-bit (1-pin) units. I/O of the group I/O port (P0C) can
be set in 3-bit (3-pin) units.
Output data is set and input data is read when a data write instruction or data read instruction is executed
in the corresponding port register.
Section 15.3.3 describes the I/O selection register of each port.
Sections 15.3.4 and 15.3.5 explain the use of an input port and output port.
VDD
VDD
OR
AND
1
0
I/O switching flag
Output
latch
Write
instruction
Port register
(1 bit)
Read
instruction
RESET (except P1C)
Read instruction (P1C only)
VDD
AND
RESET
I/O switching flag
Output
latch
Write
instruction
Port register
(1 bit)
Read
instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com