Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 190Page - Renesas Technology Corp UPD17062 Datasheet HTML 191Page - Renesas Technology Corp UPD17062 Datasheet HTML 192Page - Renesas Technology Corp UPD17062 Datasheet HTML 193Page - Renesas Technology Corp UPD17062 Datasheet HTML 194Page - Renesas Technology Corp UPD17062 Datasheet HTML 195Page - Renesas Technology Corp UPD17062 Datasheet HTML 196Page - Renesas Technology Corp UPD17062 Datasheet HTML 197Page - Renesas Technology Corp UPD17062 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 298 page
background image
192
µPD17062
15.2.2
General-Purpose I/O Ports (P0A, P0B, P1B, P1C)
The I/O of P0A is switched by the P0A bit I/O selection register (RF address 37H). The I/O of P0B is switched
by the P0B bit I/O selection register (RF address 36H). The I/O of P1B is switched by the P1B bit I/O selection
register (RF address 35H). And, the I/O of P1C is switched by the P1C group I/O selection register (RF address
27H).
The I/O data of P0A is set by P0A (data memory address: 70H of BANK0 or BANK2) of the port register.
The I/O data of P0B is set by P0B (data memory address: 71H of BANK0 or BANK2) of the port register. The
I/O data of P1B is set by P1B (data memory address: 71H of BANK1) of the port register. And, the I/O data
of P1C is set by P1C (data memory address: 72H of BANK1) of the port register.
See Table 15-2.
For details, see Section 15.3.
15.2.3
General-Purpose Input Port (P0D)
P0D input data is read by P0D (data memory address: 73H of BANK0 or BANK2) of the port register.
See Table 15-2.
For details, see Section 15.4.
15.2.4
General-Purpose Output Ports (P0C, P1A)
(1) P0C, P1A
P0C and P1A output data is set by P0C (data memory address: 72H of BANK0 or BANK2) and P1A (data
memory address: 70H of BANK1) of the port register.
See Table 15-2.
For details, see Section 15.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com