Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 186Page - Renesas Technology Corp UPD17062 Datasheet HTML 187Page - Renesas Technology Corp UPD17062 Datasheet HTML 188Page - Renesas Technology Corp UPD17062 Datasheet HTML 189Page - Renesas Technology Corp UPD17062 Datasheet HTML 190Page - Renesas Technology Corp UPD17062 Datasheet HTML 191Page - Renesas Technology Corp UPD17062 Datasheet HTML 192Page - Renesas Technology Corp UPD17062 Datasheet HTML 193Page - Renesas Technology Corp UPD17062 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 298 page
background image
188
µPD17062
Example
Sample program
START:
; Program address 0000H
;
#
Reset processing
;
;
$
SKT1
BTM0CY
; Power failure detection
BR
INITIAL
BACKUP:
;
%
Clock updating
BR
MAIN
INITIAL:
;
&
Initialization
;
(
INITFLG NOT BTM0ZX, NOT BTM0CK2, NOT BTM0CK1, BTM0CK0
; Built-in macro
; Sets timer carry FF set time to 5 ms.
MAIN:
SKT1
BTM0CY
BR
MAIN
Clock updating
Operation example
5 V
0 V
VDD
CE
Timer carry FF
set pulse
#
50 ms
50 ms
$ Power failure detection
&#
%
$ Power failure
detection
CE reset
CE reset
When the processing time
of
# + % is too long, a
CE reset is applied.
When the processing time
of
# + & is 100 ms or longer,
a CE reset is applied midway
through processing
&.
(
CE reset may be applied immediately, depending on the timer carry
FF set time switching timing. When
( is executed before &,
power failure processing
& may not be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com