Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 183Page - Renesas Technology Corp UPD17062 Datasheet HTML 184Page - Renesas Technology Corp UPD17062 Datasheet HTML 185Page - Renesas Technology Corp UPD17062 Datasheet HTML 186Page - Renesas Technology Corp UPD17062 Datasheet HTML 187Page - Renesas Technology Corp UPD17062 Datasheet HTML 188Page - Renesas Technology Corp UPD17062 Datasheet HTML 189Page - Renesas Technology Corp UPD17062 Datasheet HTML 190Page - Renesas Technology Corp UPD17062 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 298 page
background image
185
µPD17062
Fig. 14-10
BTM0CY Flag State Transition
#
$
VDD = L
→3.5 V
CE = L
CE = H
(
&)
*
+
,
-.
0
/1
2
3
4
CE = H
→L
STOP 0
BTM0CY = 0
CE = L
→H
CE = L
→H
CE = H
→L
CE = L
→H
CE = L
→H
STOP 0
BTM0CY = 1
CE = low
CE = optional
CE = high
VDD = low
Operation stopped
Clock oscillation start
Forced halt (approx. 50 ms)
Power-on reset
Normal
operation
CE reset
Rising edge of
timer carry FF
set pulse
Clock-stop
BTM0CY flag setting
disabled state
Normal
operation
Normal operation
CE reset wait
Clock oscillation start
Forced halt (50 ms)
SKT1 BTM0CY or
SKF1 BTM0CY
SKT1 BTM0CY or SKF1 BTM0CY
Normal
operation
CE reset
Rising edge of
timer carry FF
set pulse
Clock-stop
Normal
operation
Normal operation
CE reset wait
Clock oscillation start
Forced halt (50 ms)
BTM0CY
flag setting
enable state
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com