Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 182Page - Renesas Technology Corp UPD17062 Datasheet HTML 183Page - Renesas Technology Corp UPD17062 Datasheet HTML 184Page - Renesas Technology Corp UPD17062 Datasheet HTML 185Page - Renesas Technology Corp UPD17062 Datasheet HTML 186Page - Renesas Technology Corp UPD17062 Datasheet HTML 187Page - Renesas Technology Corp UPD17062 Datasheet HTML 188Page - Renesas Technology Corp UPD17062 Datasheet HTML 189Page - Renesas Technology Corp UPD17062 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 298 page
background image
184
µPD17062
14.6
POWER FAILURE DETECTION
Power failure detection is used to judge whether the device is reset by turning on VDD or by the CE pin, as
shown in Fig. 14-9.
Since the contents of the data memory, output ports, etc. become “undefined” when VDD is turned on, they
are initialized by power failure detection.
Fig. 14-9
Power Failure Detection Flowchart
14.6.1
Power Failure Detection Circuit
As shown in Fig. 14-1, the power failure detection circuit consists of a voltage detection circuit and timer
carry disable FF that is reset by the output (power-on clear signal) of the voltage detection circuit, and timer
carry FF.
The timer carry disable FF is set to 1 by the power-on clear signal and is reset to 0 when a BTM0CY flag
(address 17H, bit b0) read instruction is executed.
When the timer carry disable FF is set to 1, the BTM0CY flag is not set to 1.
That is, when the power-on clear signal is output (at power-on reset), the program starts in the state in which
the BTM0CY flag is reset and the setting disabled state is set until a BTM0CY read instruction is executed
thereafter.
Once a BTM0CY read instruction is executed, the BTM0CY flag is set at each rising edge of the timer carry
FF set pulse thereafter. When reset is applied to the device, the contents of the BTM0CY flag are monitored.
If the BTM0CY flag has been reset to 0, power-on reset (power failure) is judged and if the BTM0CY flag has
been set to 1, CE reset (no power failure) is judged.
Since the voltage that can detect a power failure is the same as the voltage applied by power-on reset, VDD
becomes 3.5 V at clock oscillation and 2.2 V at clock-stop.
Fig. 14-10 shows the BTM0CY flag state transition.
Fig. 14-11 shows timing chart and BTM0CY flag operation specified in Fig. 14-10.
Program start
Power failure
No power failure
Data memory,
output port, etc.
initialization
Power
failure detect-
ion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com