Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 180Page - Renesas Technology Corp UPD17062 Datasheet HTML 181Page - Renesas Technology Corp UPD17062 Datasheet HTML 182Page - Renesas Technology Corp UPD17062 Datasheet HTML 183Page - Renesas Technology Corp UPD17062 Datasheet HTML 184Page - Renesas Technology Corp UPD17062 Datasheet HTML 185Page - Renesas Technology Corp UPD17062 Datasheet HTML 186Page - Renesas Technology Corp UPD17062 Datasheet HTML 187Page - Renesas Technology Corp UPD17062 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 298 page
background image
182
µPD17062
14.5.4
Cautions When Supply Voltage Raised
When supply voltage is raised, careful attention must be given to points (1) and (2) below.
(1) When VDD raised from power-on clear voltage
When VDD is raised, it must be raised to 3.5 V or greater, once.
This is shown in Fig. 14-7.
As shown in Fig. 14-7, when a voltage under 3.5 V is applied when VDD is turned on in a program that uses
clock-stop to back up VDD at 2.2 V, for example, the power-on clear signal continues to be output and the
program does not run.
Since the device output port outputs an undefined value, the supply current increases, according to the
situation, reducing the back-up time with a battery considerably.
Fig. 14-7
Caution When VDD Raised
5 V
0 V
Operation stopped
XOUT
VDD
CE
Power-on
clear signal
Timer carry FF
set pulse
3.5 V
2.2 V
Opera-
tion
stopped
Halt state
50 ms
Normal operation
Back-up
Since the values of the output
ports, etc. are undefined during
this period, the current drain
may increase.
During this period,
initialization is per-
formed, then the
clock is stopped.
Power-on reset
Program start
STOP 0000B
Power-on
clear voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com