Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 181Page - Renesas Technology Corp UPD17062 Datasheet HTML 182Page - Renesas Technology Corp UPD17062 Datasheet HTML 183Page - Renesas Technology Corp UPD17062 Datasheet HTML 184Page - Renesas Technology Corp UPD17062 Datasheet HTML 185Page - Renesas Technology Corp UPD17062 Datasheet HTML 186Page - Renesas Technology Corp UPD17062 Datasheet HTML 187Page - Renesas Technology Corp UPD17062 Datasheet HTML 188Page - Renesas Technology Corp UPD17062 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 298 page
background image
183
µPD17062
(2) At return from clock-stop state
When returning from the back-up state when clock-stop is used to back-up supply voltage at 2.2 V, VDD
must be raised to 3.5 V or greater within 50 ms after the CE pin becomes high level.
As shown in Fig. 14-8, return from the clock-stop state is performed by CE reset. Since the power-on clear
voltage is switched to 3.5 V 50 ms after the CE pin is raised, if VDD is not 3.5 V or greater at this time, power-
on reset is applied.
The same caution is necessary when VDD is dropped.
Fig. 14-8
Return from Clock-Stop State
5 V
0 V
XOUT
VDD
CE
Power-on
clear signal
Timer carry FF
set pulse
3.5 V
2.2 V
CE = low
processing
Normal operation
Back-up
Back-up caused by
clock stop
Power-on
clear voltage
Halt state
50 ms
CE reset
Program start
STOP
0000B
At this point, the power-on
clear voltage is switched to 2.2 V.
Therefore, VDD must not be dropped
below 2.2 V before this point.
At this point, the power-on
clear voltage is switched to 3.5 V.
Therefore, VDD must be raised to
3.5 V or greater before this point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com