Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 187Page - Renesas Technology Corp UPD17062 Datasheet HTML 188Page - Renesas Technology Corp UPD17062 Datasheet HTML 189Page - Renesas Technology Corp UPD17062 Datasheet HTML 190Page - Renesas Technology Corp UPD17062 Datasheet HTML 191Page - Renesas Technology Corp UPD17062 Datasheet HTML 192Page - Renesas Technology Corp UPD17062 Datasheet HTML 193Page - Renesas Technology Corp UPD17062 Datasheet HTML 194Page - Renesas Technology Corp UPD17062 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 298 page
background image
189
µPD17062
15. GENERAL-PURPOSE PORT
A general-purpose port outputs a high level, low level, or floating signal to an external circuit and reads
a high level or low level signal from an external circuit.
15.1
CONFIGURATION AND CLASSIFICATION OF GENERAL-PURPOSE PORT
Fig. 15-1 shows a block diagram of the general-purpose port.
Table 15-1 lists the classifications of general-purpose ports.
As shown in Fig. 15-1, the general-purpose port consists of Port0A (P0A) to Port1C (P1C), that set data
according to addresses 70H to 73H (port register) in each bank of data memory. The same port register is
mapped to both BANK0 and BANK2.
Each port consists of general-purpose port pins. For example, Port0A consists of pin P0A3 to pin P0A0.
As stated in Table 15-1, general-purpose ports are classified into I/O shared ports (I/O ports), input-only ports
(input ports), and output-only ports (output ports).
I/O ports are classified into bit I/O ports which allow I/O to be specified in 1-bit (1-pin) units and group
I/O ports in which I/O can be specified in 3-bit (3-pin) units .
Fig. 15-1
Block Diagram of General-Purpose Port
P
0
A
P
0
B
P
0
C
P
0
D
P
1
A
P
1
B
P
1
C
Fixed
at
0
P
0
A
P
0
B
P
0
C
P
0
D
P
0
A
pin
P
0
A
pin
P
0
A
pin
P
0
A
pin
BANK0
BANK1
BANK2
0123456789ABCDEF
0
1
2
3
4
5
6
7
Column address
Data memory
Port register
System register
Bit
I/O
Bit
I/O
Bit
I/O
Group
I/O
Bit
I/O
Bit
I/O Out In
Out In
Out
I/O setting
Example configuration
of P0A pins
Control register
3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com