Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 194Page - Renesas Technology Corp UPD17062 Datasheet HTML 195Page - Renesas Technology Corp UPD17062 Datasheet HTML 196Page - Renesas Technology Corp UPD17062 Datasheet HTML 197Page - Renesas Technology Corp UPD17062 Datasheet HTML 198Page - Renesas Technology Corp UPD17062 Datasheet HTML 199Page - Renesas Technology Corp UPD17062 Datasheet HTML 200Page - Renesas Technology Corp UPD17062 Datasheet HTML 201Page - Renesas Technology Corp UPD17062 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 298 page
background image
196
µPD17062
15.3.4
To Use an I/O Port (P0A, P0B, P1B, P1C) as an Input Port
Select the pin to be used as an input port by using the I/O selection register of each port.
P1C can be set to I/O in 3-bit (3-pin) units only.
The pin specified as an input port enters floating (Hi-Z) status and waits for the input of an external signal.
Input data can be read by executing an instruction to read the contents of the port register for each pin,
for example, the SKT instruction.
When a high level signal is input to each pin of the port register, 1 is read. When a low level signal is input
to each pin of the port register, 0 is read.
Upon the execution of an instruction, such as the MOV instruction, to write to the port register specified
as an input port, the contents of the output latch are overwritten.
15.3.5
To Use an I/O Port (P0A, P0B, P1B, P1C) as an Output Port
Select the pin to be used as an output port by using the I/O selection register of each port.
P1C can be set to I/O in 3-bit (3-pin) units only.
The pin specified as an output port outputs the contents of the output latch from each pin.
Output data can be set by executing an instruction to write the contents of the port register for each pin,
for example, the MOV instruction.
To output a high level signal to each pin, write 1. To output a low level signal to each pin, write 0.
The pin can be set to the floating state (Hi-Z) by specifying it as an input port.
Upon executing an instruction, such as the SKT instruction, for reading the port register specified as an
output port, the contents of the output latch are read.
Note, however, that the contents of the output latch and the read contents may differ because the two pins,
P0A1 and P0A0, are read without changing the pin state.
See Section 15.3.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com