Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 195Page - Renesas Technology Corp UPD17062 Datasheet HTML 196Page - Renesas Technology Corp UPD17062 Datasheet HTML 197Page - Renesas Technology Corp UPD17062 Datasheet HTML 198Page - Renesas Technology Corp UPD17062 Datasheet HTML 199Page - Renesas Technology Corp UPD17062 Datasheet HTML 200Page - Renesas Technology Corp UPD17062 Datasheet HTML 201Page - Renesas Technology Corp UPD17062 Datasheet HTML 202Page - Renesas Technology Corp UPD17062 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 298 page
background image
197
µPD17062
15.3.6
Notes on Using I/O Ports (P0A1 and P0A0)
As shown in the example below, when pins P0A1 and P0A0 pins are used as output pins, the contents of
the output latch may be overwritten.
Example:
INITFLG
NOT P0ABIO3, NOT P0ABIO2, P0ABIO1, P0ABIO0
; Set the P0A1, P0A0 pins as output pins
INITFLG
NOT P0A3, NOT P0A2, P0A1, P0A0
;
#
; Output a high level signal to the P0A1 and P0A0 pins
CLR1
P0A1
; Output a low level signal to the P0A1 pin
; Macro expansion
AND .MF.P0A1 SHR 4, #.DF. (NOT P0A1 AND 0FH)
If the P0A0 pin is externally pulled down to the low level upon execution of instruction
#, above,
the CLR1 instruction overwrites the contents of the output latch of the P0A0 pin with 0.
15.3.7
State of I/O Port (P0A, P0B, P1B, P1C) at Reset
(1) At power-on reset
All I/O ports are set as input ports.
Since the contents of the output latch are “indefinite”, the output latch must be initialized by the program
before the ports can be switched to output ports.
(2) At CE reset
All I/O ports are set as input ports.
The contents of the output latch are retained.
(3) At clock stop
All I/O ports are set as input ports.
The contents of the output latch are retained.
In I/O ports other than P1C, the RESET signal output at clock stop prevents the current drain from being
increased by noise from the input buffer, as shown in Section 15.3.1.
(4) During the halt state
The previous state is retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com