Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 199Page - Renesas Technology Corp UPD17062 Datasheet HTML 200Page - Renesas Technology Corp UPD17062 Datasheet HTML 201Page - Renesas Technology Corp UPD17062 Datasheet HTML 202Page - Renesas Technology Corp UPD17062 Datasheet HTML 203Page - Renesas Technology Corp UPD17062 Datasheet HTML 204Page - Renesas Technology Corp UPD17062 Datasheet HTML 205Page - Renesas Technology Corp UPD17062 Datasheet HTML 206Page - Renesas Technology Corp UPD17062 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 298 page
background image
201
µPD17062
16. SERIAL INTERFACE
The
µPD17062 has two sets of serial interface pins, channel 0 (CH0) and channel 1 (CH1), for exchanging
data with an external unit.
The CH0 pin, which consists of two wires, SDA and SCL, can be operated in any of three modes, clock
synchronous two-wire serial input, clock synchronous two-wire serial output, and two-wire busNote. The SDA
and SCL pins can be used as general-purpose ports when not being used as a serial interface.
The CH1 pin, which consists of three wires, SCK, SO, and SI, can be operated in any of three modes, clock
synchronous two-wire serial I/O input, clock synchronous two-wire serial I/O output, and three-wire serial I/
O.
CH0 and CH1 cannot be operated at the same time. Which of pins CH0 and CH1 is used is specified with
the SIO0CH flag (register file: 08H, b3) of SMODE (Serial Interface Mode Register).
The two-wire hardware-supported bus mode is for the single master. Therefore, this mode does not support
any arbitration function. Arbitration must be done by the software.
Note The two-wire bus mode can be used as an I2C bus.
Table 16-1
External Pins for Serial Interface
16.1
SERIAL INTERFACE MODE REGISTER
The serial interface mode register specifies the operation mode of the serial interface. This register sets
up the channel to be used, the protocol, clock, and transmission/reception.
This register is mapped to address 08H in the register file.
All flags of this register are set to 0 at power-on reset.
Fig. 16-1
Configuration of Serial Interface Mode Register
CH
Pin name
Function
Two-wire bus mode
Serial I/O mode
Port I/O setting register
0
P0A0/SDA
Serial data I/O
Serial data I/O
P0ABIO0
P0A1/SCL
Shift clock I/O
Shift clock I/O
P0ABIO1
1
P0A2/SCK
Cannot be used
Shift clock I/O
P0ABIO2
P0A3/SO
Serial data output
P0ABIO3
P0B0/SI
Serial data input
P0BBIO0
Bit position
b3
b2
b1
b0
Flag name
SIO0CH
SB
SIO0MS
SIO0TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com