Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 201Page - Renesas Technology Corp UPD17062 Datasheet HTML 202Page - Renesas Technology Corp UPD17062 Datasheet HTML 203Page - Renesas Technology Corp UPD17062 Datasheet HTML 204Page - Renesas Technology Corp UPD17062 Datasheet HTML 205Page - Renesas Technology Corp UPD17062 Datasheet HTML 206Page - Renesas Technology Corp UPD17062 Datasheet HTML 207Page - Renesas Technology Corp UPD17062 Datasheet HTML 208Page - Renesas Technology Corp UPD17062 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 298 page
background image
203
µPD17062
Table 16-3
CH1 Operation Modes
Remark
×: Don’t care
Serial interface
Port 0A I/O
SI pin
SCK pin
SO pin
Operation mode
mode register
specification
SB
SIO0MS SIO0TX P0ABIO2 P0ABIO3 P0BBIO0
0
0
0
0
0
0
SD-IN
CK-IN
IN-PORT
Serial I/O-SI, EXT-CLK, 1IN-PORT
0
0
0
0
0
1
SD-IN
CK-IN
OUT-PORT Serial I/O-SI, EXT-CLK, 1OUT-PORT
0
0
0
0
1
0
OUT-PORT IN-PORT
IN-PORT
1OUT-PORT+2IN-PORT
0
0
0
0
1
1
OUT-PORT IN-PORT OUT-PORT 2OUT-PORT+1IN-PORT
0
0
0
1
0
0
SD-IN
OUT-PORT IN-PORT
Serial I/O-SI, INT-CLK (SOFT-CLK),
1IN-PORT
0
0
0
1
0
1
SD-IN
OUT-PORT OUT-PORT Serial I/O-SI, INT-CLK (SOFT-CLK),
1IN-PORT
0
0
0
1
1
0
OUT-PORT OUT-PORT IN-PORT
2OUT-PORT + 1IN-PORT
0
0
0
1
1
1
OUT-PORT OUT-PORT OUT-PORT 3OUT-PORT
0
0
1
0
0
×
SD-IN
CK-IN
SD-OUT
Serial I/O-SI/SO, EXT-CLK
00
1
0
1
×
OUT-PORT
CK-IN
SD-OUT
Serial I/O-SO, EXT-CLK, 1OUT-
PORT
00
1
1
0
×
SD-IN
OUT-PORT
SD-OUT
Serial I/O-SI/SO, INT-CLK (SOFT-
CLK)
00
1
1
1
×
OUT-PORT OUT-PORT
SD-OUT
Serial I/O-SO, INT-CLK (SOFT-CLK),
1OUT-PORT
0
1
0
×
0
0
SD-IN
CK-OUT
IN-PORT
Serial I/O-SI, INT-CLK, 1IN-PORT
0
1
0
×
0
1
SD-IN
CK-OUT
OUT-PORT Serial I/O-SI, INT-CLK,1OUT-PORT
0
1
0
×
1
0
OUT-PORT
CK-OUT
IN-PORT
CLK-OUT,1OUT-PORT, 1IN-PORT
0
1
0
×
1
1
OUT-PORT
CK-OUT
OUT-PORT CLK-OUT, 2OUT-PORT
0
1
1
×
0
×
SD-IN
CK-OUT
SD-OUT
Serial I/O-SI/SO, INT-CLK
0
1
1
×
1
×
OUT-PORT
CK-OUT
SD-OUT
Serial I/O-SO, INT-CLK, 1OUT-PORT
1
××
×
×
×
–
–
–
Not to be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com